| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F7XESSQTP bảng dữ liệu(PDF) 114 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F7XESSQTP bảng dữ liệu(HTML) 114 Page - Microchip Technology |
|
114 / 174 page ![]() PIC16F7X DS30325B-page 112 2002 Microchip Technology Inc. SWAPF Swap Nibbles in f Syntax: [ label ] SWAPF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (f<3:0>) → (destination<7:4>), (f<7:4>) → (destination<3:0>) Status Affected: None Description: The upper and lower nibbles of register ’f’ are exchanged. If ’d’ is 0, the result is placed in the W register. If ’d’ is 1, the result is placed in register ’f’. XORLW Exclusive OR Literal with W Syntax: [ label ]XORLW k Operands: 0 ≤ k ≤ 255 Operation: (W) .XOR. k → (W) Status Affected: Z Description: The contents of the W register are XOR’ed with the eight-bit literal 'k'. The result is placed in the W register. XORWF Exclusive OR W with f Syntax: [ label ] XORWF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (W) .XOR. (f) → (destination) Status Affected: Z Description: Exclusive OR the contents of the W register with register 'f'. If 'd' is 0, the result is stored in the W register. If 'd' is 1, the result is stored back in register 'f'. |