| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B12AB bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
B12AB bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 6 page ![]() Series B Process Sealed Subminiature Antistatic Toggles www.nkk.com A18 A Vertical PC Double Pole LockingLever•StraightPC•Bracket DoublePole B22AV B22LB Right Angle PC Double Pole Vertical PC Single Pole B22AH B12AV LockingLever•StraightPC•Bracket SinglePole B12LB Slot (8.85) .348 (6.0) Dia .236 (5.68) .224 (10.16) .400 (0.4) Typ .016 (0.6) Dia Typ .024 (2.54) Typ .100 (5.1) Dia .201 (4.5) Dia .177 26° (3.1) .122 (0.8) .031 (5.8) .228 (5.5) .217 (11.5) .453 (12.5) .492 (15.5) .610 (8.8) .346 (5.08) .200 (0.6) Typ .024 1 2 3 4 5 6 Slot (8.0) .315 (6.0) .236 (10.16) .400 (0.4) Typ .016 (0.6) Dia Typ .024 (2.54) Typ .100 (5.1) Dia .201 (4.5) Dia .177 26° (3.1) .122 (0.8) .031 (5.8) .228 (5.5) .217 (11.5) .453 (12.5) .492 (15.5) .610 CL (0.6) Typ .024 (8.8) .346 (1.0) .039 (2.54) .100 1 2 3 (8.8) .346 (5.08) .200 (0.6) Dia Typ .024 1 2 3 4 5 6 26° (2.6) Dia .102 (2.7) .106 (1.0) .039 (4.4) .173 (0.5) .020 (3.1) .122 (2.54) Typ .100 (5.08) .200 (0.4) .016 (10.0) .394 (18.9) .746 (6.0) Dia .236 Slot (8.8) .346 (0.6) Typ .024 (5.08) .200 (6.0) Dia .236 Slot (0.6) Typ .024 (2.54) .100 (8.0) .315 26° (2.6) Dia .102 (1.0) .039 (4.4) .173 (2.7) .106 (5.08) .200 (0.4) .016 (0.5) .020 (3.1) .122 (2.54) Typ .100 (18.9) .746 (10.0) .394 CL 1 2 3 (8.8) .346 (1.0) .039 (0.6) Dia Typ .024 (8.8) .346 (0.6) Dia Typ .024 (2.54) Typ .100 32 1 4 5 6 (2.6) Dia .102 Slot (2.54) .100 (5.08) .200 (0.5) .020 (4.4) .173 (3.1) .122 (0.4) .016 (10.0) .394 (16.4) .646 (2.7) .106 (6.0) Dia .236 (0.6) Typ .024 (5.08) .200 (8.8) .346 (5.08) .200 6 45 23 1 (2.54) Typ .100 (0.8) Dia Typ .031 (2.54) .100 3 1 2 (2.54) Typ .100 (0.8) Dia Typ .031 (1.0) .039 CL (2.54) .100 (5.08) .200 6 4 52 3 1 (2.54) Typ .100 (0.8) Dia Typ .031 (5.08) .200 (5.08) .200 6 4 5 2 3 1 (2.54) Typ .100 (0.8) Dia Typ .031 (5.08) .200 3 1 2 (2.54) Typ .100 (0.8) Dia Typ .031 (1.0) .039 CL (2.54) .100 TYPICAL SWITCH DIMENSIONS |