| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC33FJ64GP706 bảng dữ liệu(PDF) 297 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ64GP706 bảng dữ liệu(HTML) 297 Page - Microchip Technology |
|
297 / 322 page ![]() © 2009 Microchip Technology Inc. DS70286C-page 295 dsPIC33FJXXXGPX06/X08/X10 FIGURE 25-22: ADC CONVERSION (10-BIT MODE) TIMING CHARACTERISTICS (CHPS<1:0> = 01, SIMSAM = 0, ASAM = 1, SSRC<2:0> = 111, SAMC<4:0> = 00001) AD55 TSAMP Set ADON ADCLK Instruction SAMP ch0_dischrg ch1_samp CONV ADxIF Buffer(0) Buffer(1) 1 2 3 4 5 6 4 5 6 8 1 – Software sets ADxCON. ADON to start AD operation. 2 – Sampling starts after discharge period. TSAMP is described 3 – Convert bit 9. 4 – Convert bit 8. 5 – Convert bit 0. AD50 ch0_samp ch1_dischrg eoc 7 3 AD55 6 – One TAD for end of conversion. 7 – Begin conversion of next channel. 8 – Sample for time specified by SAMC<4:0>. TSAMP TCONV 3 4 Execution in Section 16. “Analog-to-Digital Converter (ADC)” (DS70183) in the “dsPIC33F Family Reference Manual”. |