công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33FJ64GP706 bảng dữ liệu(PDF) 218 Page - Microchip Technology

tên linh kiện DSPIC33FJ64GP706
Giải thích chi tiết về linh kiện  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 bảng dữ liệu(HTML) 218 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 214Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 215Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 216Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 217Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 218Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 219Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 220Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 221Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 222Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 216
© 2009 Microchip Technology Inc.
REGISTER 19-31: CiTRBnSTAT: ECAN™ RECEIVE BUFFER n STATUS (n = 0, 1, ..., 31)
U-0
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
—
—
FILHIT4
FILHIT3
FILHIT2
FILHIT1
FILHIT0
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
Unimplemented: Read as ‘0’
bit 12-8
FILHIT<4:0>: Filter Hit Code bits (only written by module for receive buffers, unused for transmit buffers)
Encodes number of filter that resulted in writing this buffer.
bit 7-0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More