công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F2680ESOSQTP bảng dữ liệu(PDF) 175 Page - Microchip Technology

tên linh kiện PIC18F2680ESOSQTP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ESOSQTP bảng dữ liệu(HTML) 175 Page - Microchip Technology

Back Button PIC18F2680ESOSQTP Datasheet HTML 171Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 172Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 173Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 174Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 175Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 176Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 177Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 178Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 173
PIC18F2585/2680/4585/4680
16.0
ENHANCED
CAPTURE/COMPARE/PWM
(ECCP1) MODULE
In PIC18F4585/4680 devices, ECCP1 is implemented
as a standard CCP1 module with Enhanced PWM
capabilities. These include the provision for 2 or 4
output channels, user selectable polarity, dead-band
control and automatic shutdown and restart. The
enhanced
features
are
discussed
in
detail
in
Section 16.4 “Enhanced PWM Mode”. Capture,
Compare and single output PWM functions of the
ECCP1 module are the same as described for the
standard CCP1 module.
The control register for the Enhanced CCP1 module is
shown in Register 16-1. It differs from the CCP1CON
register in the PIC18F2585/2680 devices in that the
two Most Significant bits are implemented to control
PWM functionality.
REGISTER 16-1:
ECCP1CON REGISTER (ECCP1 MODULE, PIC18F4585/4680 DEVICES)
Note:
The ECCP1 module is implemented only
in PIC18F4X8X (40/44-pin) devices.
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
EPWM1M1 EPWM1M0 EDC1B1
EDC1B0 ECCP1M3 ECCP1M2 ECCP1M1 ECCP1M0
bit 7
bit 0
bit 7-6
EPWM1M1:EPWM1M0: Enhanced PWM Output Configuration bits
If ECCP1M3:ECCP1M2 = 00, 01, 10:
xx
= P1A assigned as Capture/Compare input/output; P1B, P1C, P1D assigned as port pins
If ECCP1M3:ECCP1M2 = 11:
00
= Single output: P1A modulated; P1B, P1C, P1D assigned as port pins
01
= Full-bridge output forward: P1D modulated; P1A active; P1B, P1C inactive
10
= Half-bridge output: P1A, P1B modulated with dead-band control; P1C, P1D assigned
as port pins
11
= Full-bridge output reverse: P1B modulated; P1C active; P1A, P1D inactive
bit 5-4
EDC1B1:EDC1B0: PWM Duty Cycle bit 1 and bit 0
Capture mode:
Unused.
Compare mode:
Unused.
PWM mode:
These bits are the two LSbs of the 10-bit PWM duty cycle. The eight MSbs of the duty cycle are
found in CCPR1L/ECCPR1L.
bit 3-0
ECCP1M3:ECCP1M0: Enhanced CCP1 Mode Select bits
0000
= Capture/Compare/PWM off (resets ECCP1 module)
0001
= Reserved
0010
= Compare mode, toggle output on match
0011
= Reserved
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode, initialize ECCP1 pin low, set output on compare match (set ECCP1IF)
1001
= Compare mode, initialize ECCP1 pin high, clear output on compare match (set ECCP1IF)
1010
= Compare mode, generate software interrupt only, ECCP1 pin reverts to I/O state
1011
= Compare mode, trigger special event (ECCP1 resets TMR1 or TMR3, sets ECCP1IF bit
and starts the A/D conversion on ECCP1 match)
1100
= PWM mode; P1A, P1C active-high; P1B, P1D active-high
1101
= PWM mode; P1A, P1C active-high; P1B, P1D active-low
1110
= PWM mode; P1A, P1C active-low; P1B, P1D active-high
1111
= PWM mode; P1A, P1C active-low; P1B, P1D active-low
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com