công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F2680ESOSQTP bảng dữ liệu(PDF) 132 Page - Microchip Technology

tên linh kiện PIC18F2680ESOSQTP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ESOSQTP bảng dữ liệu(HTML) 132 Page - Microchip Technology

Back Button PIC18F2680ESOSQTP Datasheet HTML 128Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 129Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 130Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 131Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 132Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 133Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 134Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 135Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 130
Preliminary
© 2007 Microchip Technology Inc.
TABLE 10-1:
PORTA I/O SUMMARY
Pin Name
Function
I/O
TRIS
Buffer
Description
RA0/AN0/CVREF
RA0
OUT
0
DIG
LATA<0> data output.
IN
1
TTL
PORTA<0> data input.
AN0
IN
1
ANA
A/D input channel 0. Enabled on POR, this analog input overrides the
digital input (read as clear – low level).
CVREF
OUT
x
ANA
Comparator voltage reference analog output. Enabling this analog
output overrides the digital I/O (read as clear – low level).
RA1/AN1
RA1
OUT
0
DIG
LATA<1> data output.
IN
1
TTL
PORTA<1> data input.
AN1
IN
1
ANA
A/D input channel 1. Enabled on POR, this analog input overrides the
digital input (read as clear – low level).
RA2/AN2/VREF-RA2
OUT
0
DIG
LATA<2> data output.
IN
1
TTL
PORTA<2> data input.
AN2
IN
1
ANA
A/D input channel 2. Enabled on POR, this analog input overrides the
digital input (read as clear – low level).
VREF-IN
1
ANA
A/D and comparator negative voltage analog input.
RA3/AN3/VREF+RA3
OUT
0
DIG
LATA<3> data output.
IN
1
TTL
PORTA<3> data input.
AN3
IN
1
ANA
A/D input channel 3. Enabled on POR, this analog input overrides the
digital input (read as clear – low level).
VREF+IN
1
ANA
A/D and comparator positive voltage analog input.
RA4/T0CKI
RA4
OUT
0
DIG
LATA<4> data output.
IN
1
TTL
PORTA<4> data input.
T0CKI
IN
1
ST
Timer0 clock input.
RA5/AN4/SS/HLVDIN RA5
OUT
0
DIG
LATA<5> data output.
IN
1
TTL
PORTA<5> data input.
AN4
IN
1
ANA
A/D input channel 4. Enabled on POR, this analog input overrides the
digital input (read as clear – low level).
SS
IN
1
TTL
Slave select input for MSSP.
HLVDIN
IN
1
ANA
High/Low-Voltage Detect external trip point input.
OSC2/CLKO/RA6
OSC2
OUT
x
ANA
Output connection, selected by FOSC3:FOSC0 Configuration bits.
Enabling OSC2 overrides digital I/O.
CLKO
OUT
x
DIG
Output connection, selected by FOSC3:FOSC0 Configuration bits.
Enabling CLKO overrides digital I/O (FOSC/4).
RA6
OUT
0
DIG
LATA<6> data output.
IN
1
TTL
PORTA<6> data input.
OSC1/CLKI/RA7
OSC1
IN
x
ANA
Main oscillator input connection, determined by FOSC3:FOSC0
Configuration bits. Enabling OSC1 overrides digital I/O.
CLKI
IN
x
ANA
Main clock input connection, determined by FOSC3:FOSC0
Configuration bits. Enabling CLKI overrides digital I/O.
RA7
OUT
0
DIG
LATA<7> data output.
IN
1
TTL
PORTA<7> data input.
Legend:
PWR = Power Supply; OUT = Output; IN = Input; ANA = Analog Signal; DIG = Digital Output; ST = Schmitt Buffer Input;
TTL = TTL Buffer Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com