công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F2680ESOSQTP bảng dữ liệu(PDF) 307 Page - Microchip Technology

tên linh kiện PIC18F2680ESOSQTP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ESOSQTP bảng dữ liệu(HTML) 307 Page - Microchip Technology

Back Button PIC18F2680ESOSQTP Datasheet HTML 303Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 304Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 305Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 306Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 307Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 308Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 309Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 310Page - Microchip Technology PIC18F2680ESOSQTP Datasheet HTML 311Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 305
PIC18F2585/2680/4585/4680
REGISTER 23-45: RXFCONn: RECEIVE FILTER CONTROL REGISTER n [0
≤ n ≤ 1](1)
REGISTER 23-46: SDFLC: STANDARD DATA BYTES FILTER LENGTH COUNT REGISTER(1)
RXFCON0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
RXF7EN
RXF6EN
RXF5EN
RXF4EN
RXF3EN
RXF2EN
RXF1EN
RXF0EN
RXFCON1
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
RXF15EN
RXF14EN
RXF13EN RXF12EN RXF11EN RXF10EN
RXF9EN
RXF8EN
bit 7
bit 0
bit 7-0
RXFnEN: Receive Filter n Enable bits
0
= Filter is disabled
1
= Filter is enabled
Note 1: This register is available in Mode 1 and 2 only.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Note:
Registers 23-46 through 23-51are writable
in Configuration mode only.
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
FLC4FLC3FLC2FLC1FLC0
bit 7
bit 0
bit 7-5
Unimplemented: Read as ‘0’
bit 4-0
FLC4:FLC0: Filter Length Count bits
Mode 0:
Not used; forced to ‘00000’.
00000
-10010 = 0
18 bits are available for standard data byte filter. Actual number of bits
used depends on DLC3:DLC0 bits (RXBnDLC<3:0> or BnDLC<3:0> if
configured as RX buffer) of message being received.
If DLC3:DLC0 = 0000 No bits will be compared with incoming data bits
If DLC3:DLC0 = 0001 Up to 8 data bits of RXFnEID<7:0>, as determined by FLC2:FLC0, will
be compared with the corresponding number of data bits of the
incoming message
If DLC3:DLC0 = 0010 Up to 16 data bits of RXFnEID<15:0>, as determined by FLC3:FLC0,
will be compared with the corresponding number of data bits of the
incoming message
If DLC3:DLC0 = 0011 Up to 18 data bits of RXFnEID<17:0>, as determined by FLC4:FLC0,
will be compared with the corresponding number of data bits of the
incoming message
Note 1: This register is available in Mode 1 and 2 only.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com