| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F2680ISOSQTP bảng dữ liệu(PDF) 475 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2680ISOSQTP bảng dữ liệu(HTML) 475 Page - Microchip Technology |
|
475 / 482 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39625C-page 473 PIC18F2585/2680/4585/4680 RXBnSIDL (Receive Buffer n Standard Identifier, Low Byte) ......................................... 291 RXERRCNT (Receive Error Count) ......................... 293 RXFBCONn (Receive Filter Buffer Control n) .......... 306 RXFCONn (Receive Filter Control n) ....................... 305 RXFnEIDH (Receive Acceptance Filter n Extended Identifier, High Byte) ........................ 303 RXFnEIDL (Receive Acceptance Filter n Extended Identifier, Low Byte) ......................... 303 RXFnSIDH (Receive Acceptance Filter n Standard Identifier Filter, High Byte) ................ 302 RXFnSIDL (Receive Acceptance Filter n Standard Identifier Filter, Low Byte) ................ 302 RXMnEIDH (Receive Acceptance Mask n Extended Identifier Mask, High Byte) .............. 304 RXMnEIDL (Receive Acceptance Mask n Extended Identifier Mask, Low Byte) ............... 304 RXMnSIDH (Receive Acceptance Mask n Standard Identifier Mask, High Byte) ............... 303 RXMnSIDL (Receive Acceptance Mask n Standard Identifier Mask, Low Byte) ................ 304 SDFLC (Standard Data Bytes Filter Length Count) ......................................... 305 SSPCON1 (MSSP Control 1, I2C Mode) ................. 198 SSPCON1 (MSSP Control 1, SPI Mode) ................. 189 SSPCON2 (MSSP Control 2, I2C Mode) ................. 199 SSPSTAT (MSSP Status, I2C Mode) ....................... 197 SSPSTAT (MSSP Status, SPI Mode) ...................... 188 Status ......................................................................... 87 STKPTR (Stack Pointer) ............................................ 63 T0CON (Timer0 Control) .......................................... 147 T1CON (Timer 1 Control) ......................................... 151 T2CON (Timer 2 Control) ......................................... 157 T3CON (Timer3 Control) .......................................... 159 TRISE (PORTE/PSP Control) .................................. 142 TXBIE (Transmit Buffers Interrupt Enable) .............. 318 TXBnCON (Transmit Buffer n Control) .................... 282 TXBnDLC (Transmit Buffer n Data Length Code) .......................................... 285 TXBnDm (Transmit Buffer n Data Field Byte m) ........................................... 284 TXBnEIDH (Transmit Buffer n Extended Identifier, High Byte) ........................................ 283 TXBnEIDL (Transmit Buffer n Extended Identifier, Low Byte) ......................................... 284 TXBnSIDH (Transmit Buffer n Standard Identifier, High Byte) ........................................ 283 TXBnSIDL (Transmit Buffer n Standard Identifier, Low Byte) ......................................... 283 TXERRCNT (Transmit Error Count) ........................ 285 TXSTA (Transmit Status and Control) ..................... 228 WDTCON (Watchdog Timer Control) ...................... 353 RESET ............................................................................. 391 Resets ........................................................................ 41, 343 Brown-out Reset (BOR) ........................................... 343 Oscillator Start-up Timer (OST) ............................... 343 Power-on Reset (POR) ............................................ 343 Power-up Timer (PWRT) ......................................... 343 RETFIE ............................................................................ 392 RETLW ............................................................................ 392 RETURN .......................................................................... 393 Return Address Stack ........................................................ 62 and Associated Registers .......................................... 62 Return Stack Pointer (STKPTR) ........................................ 63 Revision History ............................................................... 461 RLCF ............................................................................... 393 RLNCF ............................................................................. 394 RRCF ............................................................................... 394 RRNCF ............................................................................ 395 S SCK ................................................................................. 187 SDI ................................................................................... 187 SDO ................................................................................. 187 SEC_IDLE Mode ............................................................... 38 SEC_RUN Mode ................................................................ 34 Serial Clock, SCK ............................................................ 187 Serial Data In (SDI) .......................................................... 187 Serial Data Out (SDO) ..................................................... 187 Serial Peripheral Interface. See SPI Mode. SETF ............................................................................... 395 Slave Select (SS) ............................................................. 187 SLEEP ............................................................................. 396 Sleep OSC1 and OSC2 Pin States ...................................... 31 Software Simulator (MPLAB SIM) ................................... 412 Special Event Trigger. See Compare (ECCP1 Module). Special Features of the CPU ........................................... 343 Special Function Registers ................................................ 70 Map ...................................................................... 70–75 SPI Mode (MSSP) Associated Registers ............................................... 195 Bus Mode Compatibility ........................................... 195 Effects of a Reset .................................................... 195 Enabling SPI I/O ...................................................... 191 Master Mode ............................................................ 192 Master/Slave Connection ........................................ 191 Operation ................................................................. 190 Operation in Power Managed Modes ...................... 195 Serial Clock ............................................................. 187 Serial Data In ........................................................... 187 Serial Data Out ........................................................ 187 Slave Mode .............................................................. 193 Slave Select ............................................................. 187 Slave Select Synchronization .................................. 193 SPI Clock ................................................................. 192 Typical Connection .................................................. 191 SS .................................................................................... 187 SSPOV ............................................................................ 217 SSPOV Status Flag ......................................................... 217 SSPSTAT Register R/W Bit ............................................................ 200, 201 Stack Full/Underflow Resets .............................................. 64 Status Register .................................................................. 87 SUBFSR .......................................................................... 407 SUBFWB ......................................................................... 396 SUBLW ............................................................................ 397 SUBULNK ........................................................................ 407 SUBWF ............................................................................ 397 SUBWFB ......................................................................... 398 SWAPF ............................................................................ 398 T Table Pointer Operations (table) ........................................ 98 Table Reads/Table Writes ................................................. 64 TBLRD ............................................................................. 399 TBLWT ............................................................................ 400 Time-out in Various Situations (table) ................................ 45 |