| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F215VG bảng dữ liệu(PDF) 113 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F215VG bảng dữ liệu(HTML) 113 Page - STMicroelectronics |
|
113 / 173 page ![]() STM32F21xxx Electrical characteristics Doc ID 17050 Rev 8 113/173 Table 62 gives the list of Ethernet MAC signals for MII and Figure 46 shows the corresponding timing diagram. Figure 47. Ethernet MII timing diagram CAN (controller area network) interface Refer to Section 5.3.16: I/O port characteristics for more details on the input/output alternate function characteristics (CANTX and CANRX). Table 62. Dynamics characteristics: Ethernet MAC signals for MII Symbol Rating Min Typ Max Unit tsu(RXD) Receive data setup time 7.5 - - ns tih(RXD) Receive data hold time 1 - - ns tsu(DV) Data valid setup time 4 - - ns tih(DV) Data valid hold time 0 - - ns tsu(ER) Error setup time 3.5 - - ns tih(ER) Error hold time 0 - - ns td(TXEN) Transmit enable valid delay time - 11 14 ns td(TXD) Transmit data valid delay time - 11 14 ns MII_RX_CLK MII_RXD[3:0] MII_RX_DV MII_RX_ER td(TXEN) td(TXD) tsu(RXD) tsu(ER) tsu(DV) tih(RXD) tih(ER) tih(DV) ai15668 MII_TX_CLK MII_TX_EN MII_TXD[3:0] |