| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F215RG bảng dữ liệu(PDF) 132 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F215RG bảng dữ liệu(HTML) 132 Page - STMicroelectronics |
|
132 / 173 page ![]() Electrical characteristics STM32F21xxx 132/173 Doc ID 17050 Rev 8 PC Card/CompactFlash controller waveforms and timings Figure 61 through Figure 66 represent synchronous waveforms together with Table 77 and Table 78 provides the corresponding timings. The results shown in this table are obtained with the following FSMC configuration: ● COM.FSMC_SetupTime = 0x04; ● COM.FSMC_WaitSetupTime = 0x07; ● COM.FSMC_HoldSetupTime = 0x04; ● COM.FSMC_HiZSetupTime = 0x00; ● ATT.FSMC_SetupTime = 0x04; ● ATT.FSMC_WaitSetupTime = 0x07; ● ATT.FSMC_HoldSetupTime = 0x04; ● ATT.FSMC_HiZSetupTime = 0x00; ● IO.FSMC_SetupTime = 0x04; ● IO.FSMC_WaitSetupTime = 0x07; ● IO.FSMC_HoldSetupTime = 0x04; ● IO.FSMC_HiZSetupTime = 0x00; ● TCLRSetupTime = 0; ● TARSetupTime = 0; In all timing tables, the THCLK is the HCLK clock period. Figure 61. PC Card/CompactFlash controller waveforms for common memory read access 1. FSMC_NCE4_2 remains high (inactive during 8-bit access. FSMC_NWE tw(NOE) FSMC_NOE FSMC_D[15:0] FSMC_A[10:0] FSMC_NCE4_2(1) FSMC_NCE4_1 FSMC_NREG FSMC_NIOWR FSMC_NIORD td(NCE4_1-NOE) tsu(D-NOE) th(NOE-D) tv(NCEx-A) td(NREG-NCEx) td(NIORD-NCEx) th(NCEx-AI) th(NCEx-NREG) th(NCEx-NIORD) th(NCEx-NIOWR) ai14895b |