công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F2455EMLSQTP bảng dữ liệu(PDF) 178 Page - Microchip Technology

tên linh kiện PIC18F2455EMLSQTP
Giải thích chi tiết về linh kiện  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2455EMLSQTP bảng dữ liệu(HTML) 178 Page - Microchip Technology

Back Button PIC18F2455EMLSQTP Datasheet HTML 174Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 175Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 176Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 177Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 178Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 179Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 180Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 181Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 430 page
background image
PIC18F2455/2550/4455/4550
DS39632D-page 176
Preliminary
© 2007 Microchip Technology Inc.
TABLE 17-4:
ASSIGNMENT OF BUFFER DESCRIPTORS FOR THE DIFFERENT
BUFFERING MODES
TABLE 17-5:
SUMMARY OF USB BUFFER DESCRIPTOR TABLE REGISTERS
Endpoint
BDs Assigned to Endpoint
Mode 0
(No Ping-Pong)
Mode 1
(Ping-Pong on EP0 OUT)
Mode 2
(Ping-Pong on all EPs)
Mode 3
(Ping-Pong on all other EPs,
except EP0)
Out
In
Out
In
Out
In
Out
In
0
0
1
0 (E), 1 (O)
2
0 (E), 1 (O)
2 (E), 3 (O)
0
1
1
2
3
3
4
4 (E), 5 (O)
6 (E), 7 (O)
2 (E), 3 (O)
4 (E), 5 (O)
2
4
5
5
6
8 (E), 9 (O)
10 (E), 11 (O)
6 (E), 7 (O)
8 (E), 9 (O)
3
6
7
7
8
12 (E), 13 (O)
14 (E), 15 (O)
10 (E), 11 (O)
12 (E), 13 (O)
4
8
9
9
10
16 (E), 17 (O)
18 (E), 19 (O)
14 (E), 15 (O)
16 (E), 17 (O)
5
10
11
11
12
20 (E), 21 (O)
22 (E), 23 (O)
18 (E), 19 (O)
20 (E), 21 (O)
6
12
13
13
14
24 (E), 25 (O)
26 (E), 27 (O)
22 (E), 23 (O)
24 (E), 25 (O)
7
14
15
15
16
28 (E), 29 (O)
30 (E), 31 (O) 26 (E), 27 (O)
28 (E), 29 (O)
8
16
17
17
18
32 (E), 33 (O)
34 (E), 35 (O)
30 (E), 31 (O) 32 (E), 33 (O)
9
18
19
19
20
36 (E), 37 (O)
38 (E), 39 (O)
34 (E), 35 (O)
36 (E), 37 (O)
10
20
21
21
22
40 (E), 41 (O)
42 (E), 43 (O)
38 (E), 39 (O)
40 (E), 41 (O)
11
22
23
23
24
44 (E), 45 (O)
46 (E), 47 (O)
42 (E), 43 (O)
44 (E), 45 (O)
12
24
25
25
26
48 (E), 49 (O)
50 (E), 51 (O)
46 (E), 47 (O)
48 (E), 49 (O)
13
26
27
27
28
52 (E), 53 (O)
54 (E), 55 (O)
50 (E), 51 (O)
52 (E), 53 (O)
14
28
29
29
30
56 (E), 57 (O)
58 (E), 59 (O)
54 (E), 55 (O)
56 (E), 57 (O)
15
30
31
31
32
60 (E), 61 (O)
62 (E), 63 (O)
58 (E), 59 (O)
60 (E), 61 (O)
Legend:
(E) = Even transaction buffer, (O) = Odd transaction buffer
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BDnSTAT(1)
UOWN
DTS(4)
PID3(2)
KEN(3)
PID2(2)
INCDIS(3)
PID1(2)
DTSEN(3)
PID0(2)
BSTALL(3)
BC9
BC8
BDnCNT(1)
Byte Count
BDnADRL(1)
Buffer Address Low
BDnADRH(1)
Buffer Address High
Note 1:
For buffer descriptor registers, n may have a value of 0 to 63. For the sake of brevity, all 64 registers are
shown as one generic prototype. All registers have indeterminate Reset values (xxxx xxxx).
2:
Bits 5 through 2 of the BDnSTAT register are used by the SIE to return PID3:PID0 values once the register
is turned over to the SIE (UOWN bit is set). Once the registers have been under SIE control, the values
written for KEN, INCDIS, DTSEN and BSTALL are no longer valid.
3:
Prior to turning the buffer descriptor over to the SIE (UOWN bit is cleared), bits 5 through 2 of the
BDnSTAT register are used to configure the KEN, INCDIS, DTSEN and BSTALL settings.
4:
This bit is ignored unless DTSEN = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com