công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM8530H bảng dữ liệu(PDF) 193 Page - Advanced Micro Devices

tên linh kiện AM8530H
Giải thích chi tiết về linh kiện  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H bảng dữ liệu(HTML) 193 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 186Page - Advanced Micro Devices AM8530H Datasheet HTML 187Page - Advanced Micro Devices AM8530H Datasheet HTML 188Page - Advanced Micro Devices AM8530H Datasheet HTML 189Page - Advanced Micro Devices AM8530H Datasheet HTML 190Page - Advanced Micro Devices AM8530H Datasheet HTML 191Page - Advanced Micro Devices AM8530H Datasheet HTML 192Page - Advanced Micro Devices AM8530H Datasheet HTML 193Page - Advanced Micro Devices AM8530H Datasheet HTML 194Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 193 / 194 page
background image
SCC Application Notes
AMD
7–44
inportb(port);
outportb(port, 0x01);
temp = inportb(port);
while(count<300)
{
count++;
}
ef = temp & 0x80;
}
}
/*THIS ROUTINE LOADS THE LENGTH OF THE FILE TO BE RECEIVED*/
length()
{
unsigned int *iptr;
ptr++;
iptr = ptr;
/*assigns iptr as an address of a 16–bit
integer*/
num = *iptr;
}
/*THIS ROUTINE INITIALIZES THE 8530 FOR ASYNC. RECEIVE*/
asccinit()
{
unsigned char array[arraysiz], temp;
unsigned int =i=0;
array[0]=0x9;
array[1]=0xC0;
/*hardware reset*/
array[2]=0x4;
array[3]=0x44;
/*X16 clock, 1 stop bits*/
array[4]=0x3;
array[5]=0xE0;
/*8 bits/character*/
array[6]=0x5;
array[7]=0x60;
/*8 bits/character*/
array[8]=0xB;
array[9]=0x56;
/*RxC = BR gen, TxC = BR gen, TRxCout =
BR*/
array[10]=0xC;
array[11]=0x06;
/*set BR gen for 19.2 kBaud*/
array[12]=0xD;
array[13]=0x00;
array[14]=0xE;
array[15]=0x03;
/*set DTR/REQ, enable BR gen, PCLK = BR
source*/
array[16]=0x3;
array[17]=0xE1;
/*enable receiver*/
temp = inportb(aport);
/*Read from RR0 to
set up state machine*/
while(i<arraysiz)
{
outportb(aport, array[i++]);
}
}
/*RECEIVE FILE ASYNCHRONOUSLY AT 19.2 kBaud*/
recfile()
{
unsigned char temp, rx;
unsigned int i, count;
rx = 0;
temp = 0;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More