công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM8530H bảng dữ liệu(PDF) 113 Page - Advanced Micro Devices

tên linh kiện AM8530H
Giải thích chi tiết về linh kiện  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H bảng dữ liệu(HTML) 113 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 109Page - Advanced Micro Devices AM8530H Datasheet HTML 110Page - Advanced Micro Devices AM8530H Datasheet HTML 111Page - Advanced Micro Devices AM8530H Datasheet HTML 112Page - Advanced Micro Devices AM8530H Datasheet HTML 113Page - Advanced Micro Devices AM8530H Datasheet HTML 114Page - Advanced Micro Devices AM8530H Datasheet HTML 115Page - Advanced Micro Devices AM8530H Datasheet HTML 116Page - Advanced Micro Devices AM8530H Datasheet HTML 117Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 194 page
background image
6–3
Register Description
CHAPTER 6
6.1
INTRODUCTION
The following sections describe the SCC registers. Each register is detailed in terms of
bit configuration, the active states (See Table 6–1) of each bit, their definitions, their func-
tions, and their effects upon the internal hardware and external pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More