công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C975VCW bảng dữ liệu(PDF) 304 Page - Advanced Micro Devices

tên linh kiện AM79C975VCW
Giải thích chi tiết về linh kiện  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW bảng dữ liệu(HTML) 304 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 296Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 297Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 298Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 299Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 300Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 301Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 302Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 303Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 304Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 304 / 304 page
background image
304
Am79C973/Am79C975
P R E L I M INARY
Transmit Process . . . . . . . . . . . . . . . . . . . . .80
Transmit Start Point Programming . . . . . .151
Transmit Timin . . . . . . . . . . . . . . . . . . . . .279
Transmit Timing . . . . . . . . . . . . . . . . . . . .278
Transmit Watermark Programming . . . . . .151
TRDY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .31
Twisted Pair Interface Status . . . . . . . . . . . .87
Twisted Pair Receive Function . . . . . . . . . .86
Twisted Pair Transmit Function . . . . . . . . .86
TX+, TX- Serial Transmit Data
MLT-3/PECL . . . . . . . . . . . . . . . . . . . . . .36
TX_CLK . . . . . . . . . . . . . . . . . . . . . . . . . . .34
TX_EN . . . . . . . . . . . . . . . . . . . . . . . . . . . . .34
TX_ER . . . . . . . . . . . . . . . . . . . . . . . . . . . . .34
U
USER ACCESSIBLE REGISTERS . . . . .112
V
VAUXDET Auxiliary Power Detect . . . . . .31
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .38
VDDB I/O Buffer Power . . . . . . . . . . . . . . .38
VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .38
VSSB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .38
W
Wake-Up Mode Indicator . . . . . . . . . . . . . .33
Word I/O Mode . . . . . . . . . . . . . . . . . . . . .109
WUMI . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33
X
XCLK/XTAL External
Clock/Crystal Select . . . . . . . . . . . . . . . . .37
XTAL1 Crystal Input . . . . . . . . . . . . . . . . . .37
XTAL2 Crystal Output . . . . . . . . . . . . . . . .37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More