công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C978 bảng dữ liệu(PDF) 259 Page - Advanced Micro Devices

tên linh kiện AM79C978
Giải thích chi tiết về linh kiện  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 bảng dữ liệu(HTML) 259 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 253Page - Advanced Micro Devices AM79C978 Datasheet HTML 254Page - Advanced Micro Devices AM79C978 Datasheet HTML 255Page - Advanced Micro Devices AM79C978 Datasheet HTML 256Page - Advanced Micro Devices AM79C978 Datasheet HTML 257Page - Advanced Micro Devices AM79C978 Datasheet HTML 258Page - Advanced Micro Devices AM79C978 Datasheet HTML 259Page - Advanced Micro Devices AM79C978 Datasheet HTML 260Page - Advanced Micro Devices AM79C978 Datasheet HTML 261Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 259 / 261 page
background image
Am79C978
9
Physical Layer Devices (Single-Port) 15
Pin Capacitance 221
Pin Descriptions 26
PIN DESIGNATIONS 24
PIN DESIGNATIONS (PQL144 20
PIN DESIGNATIONS (PQL144) 18
PIN DESIGNATIONS (PQR160) 19
listed by Group 22
PMD Interface 225
PMD Interface Timing (PECL) 226
PME 28
Polling 62
Power Good 28, 31
Power Management Event 28
Power Management Support 87
Power on Reset 95
Power Savings Mode 87
Power Supply Current 221, 224
Power Supply Pins 32
PQL144 236
PQR160 237
Preemption During Burst Transaction 48, 50
Preemption During Non-Burst Transaction 48, 50
R
RAP
Register Address Port 112
RAP Register 111
RDRA and TDRA 199
Receive Address Match 72
Receive Carrier Sense 30
Receive Clock 30
Receive Data 30
Receive Data Valid 30
Receive Descriptor (SWSTYLE = 0) 200
Receive Descriptor (SWSTYLE = 2) 200
Receive Descriptor (SWSTYLE = 3) 200
Receive Descriptor Table Entry 64
Receive Descriptors 200
Receive Exception Conditions 72
Receive FCS Checking 72
Receive Frame Queuing 64
Receive Function Programming 70
Receive Operation 70
Receive Symbol Timing 79
Receive Timing 228, 234
Receive Watermark Programming 138
Register Administration for 10BASE-T PHY De-
vice 81
Register Programming Summary 215
Register Summary 207
Re-Initialization 59
RELATED AMD PRODUCTS 15
REQ 27
Reserved Register
10BASE-T Carrier Status Register (Register
23) 197
10BASE-T Configuration Register (Register
22) 197
Reserved Registers
HPR8 - HPR15, HPR17 181
Reserved Registers (Registers 8-15, 18, 20-23, and
25-31) 194
Reset 28, 94
Reset Register 96
Reverse Polarity Detect 99
RLEN and TLEN 198
RLL 25 Coding Tree 80
RMD0 200, 201
RMD1 201
RMD2 202
RMD3 203
ROMTNG Programming Values 156
RST 28
Running Registers 102
RWU 29
RX_CLK 30
RX_DV 30
RX_ER 30
RX± 31
S
S_RESET 94
Serial Receive Data 31
Serial Transmit Data 31
SERR 28
Setup 2
Setup and Hold Timing 222
Setup Registers 101
Silence Interval (AID symbol 7) 78
Slave Bus Interface Unit 36
Slave Configuration Read 38
Slave Configuration Transfers 36
Slave Configuration Write 38
Slave Cycle Data Parity Error Response 42
Slave Cycle Termination 39
Slave I/O Transfers 37
Slave Read Using I/O Command 38
Slave Write Using Memory Command 39
Soft Reset Function 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com