| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX250 bảng dữ liệu(PDF) 185 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX250 bảng dữ liệu(HTML) 185 Page - Microsemi Corporation |
|
185 / 262 page ![]() Axcelerator Family FPGAs Re vi s i on 18 3 - 59 GND T12 GND T13 GND T14 GND T15 GND T16 GND T17 GND T18 GND T19 GND T28 GND T3 GND U12 GND U13 GND U14 GND U15 GND U16 GND U17 GND U18 GND U19 GND V1 GND V12 GND V13 GND V14 GND V15 GND V16 GND V17 GND V18 GND V19 GND V30 GND W12 GND W13 GND W14 GND W15 GND W16 GND W17 GND W18 FG896 AX1000 Function Pin Number GND W19 GND Y11 GND Y20 GND/LP E4 NC A16 NC A26 NC A4 NC A6 NC AA30 NC AB1 NC AB30 NC AC2 NC AC29 NC AD1 NC AD2 NC AD30 NC AE1 NC AE15 NC AE16 NC AE2 NC AE30 NC AF1 NC AF2 NC AF29 NC AF30 NC AG1 NC AG2 NC AG29 NC AG30 NC AH27 NC AH4 NC AJ14 NC AJ15 NC AJ16 NC AJ27 FG896 AX1000 Function Pin Number NC AJ4 NC AK14 NC AK15 NC AK16 NC AK17 NC AK22 NC AK4 NC AK5 NC B16 NC B18 NC B21 NC B23 NC B26 NC B4 NC B6 NC B8 NC C27 NC D1 NC D2 NC D29 NC D30 NC E1 NC E2 NC E29 NC E30 NC F15 NC F16 NC F29 NC F30 NC G1 NC G29 NC G30 NC H29 NC J1 NC J30 FG896 AX1000 Function Pin Number |