| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX250 bảng dữ liệu(PDF) 253 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX250 bảng dữ liệu(HTML) 253 Page - Microsemi Corporation |
|
253 / 262 page ![]() Axcelerator Family FPGAs Re vi s i on 18 3 - 127 GND M11 GND M12 GND M13 GND M14 GND M15 GND N11 GND N12 GND N13 GND N14 GND N15 GND P11 GND P12 GND P13 GND P14 GND P15 GND R11 GND R12 GND R13 GND R14 GND R15 GND T21 GND T23 GND T3 GND T5 GND V1 GND V25 GND V5 PRA F13 PRB A13 PRC AB12 PRD AE13 TCK F5 CG624 AX2000 Function Pin Number Note: *Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. TDI C5 TDO F6 TMS D6 TRST E6 VCCA AB20 VCCA F22 VCCA F4 VCCA J17 VCCA J9 VCCA K10 VCCA K11 VCCA K15 VCCA K16 VCCA L10 VCCA L16 VCCA R10 VCCA R16 VCCA T10 VCCA T11 VCCA T15 VCCA T16 VCCA U17 VCCA U9 VCCA Y4 VCCDA A12 VCCDA A14 VCCDA AA13 VCCDA AA15 VCCDA AA20 VCCDA AA7 VCCDA AB13 VCCDA AC11 CG624 AX2000 Function Pin Number Note: *Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. VCCDA AD11 VCCDA AD4 VCCDA AE12 VCCDA AE17 VCCDA B15 VCCDA C15 VCCDA C6 VCCDA D13 VCCDA E13 VCCDA E19 VCCDA F21 VCCDA G10 VCCDA G5 VCCDA N21 VCCDA N5 VCCDA W21 VCCIB0 A3 VCCIB0 B3 VCCIB0 C4 VCCIB0 D5 VCCIB0 J10 VCCIB0 J11 VCCIB0 K12 VCCIB1 A23 VCCIB1 B23 VCCIB1 C22 VCCIB1 D21 VCCIB1 J15 VCCIB1 J16 VCCIB1 K14 VCCIB2 C24 VCCIB2 C25 CG624 AX2000 Function Pin Number Note: *Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. |