| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
16F87 bảng dữ liệu(PDF) 223 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F87 bảng dữ liệu(HTML) 223 Page - Microchip Technology |
|
223 / 228 page ![]() 2005 Microchip Technology Inc. DS30487C-page 221 PIC16F87/88 SPI Master Mode ....................................................... 91 SPI Master Mode (CKE = 0, SMP = 0) .................... 184 SPI Master Mode (CKE = 1, SMP = 1) .................... 184 SPI Slave Mode (CKE = 0) ................................ 91, 185 SPI Slave Mode (CKE = 1) ................................ 91, 185 Switching to SEC_RUN Mode ................................... 44 Synchronous Reception (Master Mode, SREN) ..................................... 111 Synchronous Transmission ...................................... 109 Synchronous Transmission (Through TXEN) .......... 109 Time-out Sequence on Power-up (MCLR Tied to VDD Through Pull-up Resistor) ............ 137 Time-out Sequence on Power-up (MCLR Tied to VDD Through RC Network): Case 1 ..... 137 Time-out Sequence on Power-up (MCLR Tied to VDD Through RC Network): Case 2 ..... 137 Timer0 and Timer1 External Clock .......................... 182 Timer1 Incrementing Edge ......................................... 73 Transition Between SEC_RUN/RC_RUN and Primary Clock ............................................. 46 Two-Speed Start-up Mode ....................................... 143 Wake-up from Sleep via Interrupt ............................ 146 XT, HS, LP, EC and EXTRC to RC_RUN Mode .................................................. 43 Timing Parameter Symbology .......................................... 178 Timing Requirements A/D Conversion ........................................................ 191 AUSART Synchronous Receive .............................. 189 AUSART Synchronous Transmission ...................... 189 Capture/Compare/PWM (CCP1) .............................. 183 CLKO and I/O .......................................................... 180 External Clock .......................................................... 179 I2C Bus Data ............................................................ 188 I2C Bus Start/Stop Bits ............................................. 187 Reset, Watchdog Timer, Oscillator Start-up Timer, Power-up Timer and Brown-out Reset ............ 181 SPI Mode ................................................................. 186 Timer0 and Timer1 External Clock .......................... 182 TMR0 Register ............................................................. 14, 16 TMR1CS Bit ....................................................................... 72 TMR1H Register ................................................................ 14 TMR1L Register ................................................................. 14 TMR1ON Bit ...................................................................... 72 TMR2 Register ................................................................... 14 TMR2ON Bit ...................................................................... 80 TOUTPS0 Bit ..................................................................... 80 TOUTPS1 Bit ..................................................................... 80 TOUTPS2 Bit ..................................................................... 80 TOUTPS3 Bit ..................................................................... 80 TRISA Register ............................................................ 15, 51 TRISB Register ............................................................ 15, 16 Two-Speed Clock Start-up Mode ..................................... 143 Two-Speed Start-up ......................................................... 129 TXREG Register ................................................................ 14 TXSTA Register ................................................................. 15 BRGH Bit ................................................................... 97 CSRC Bit ................................................................... 97 SYNC Bit ................................................................... 97 TRMT Bit ................................................................... 97 TX9 Bit ....................................................................... 97 TX9D Bit .................................................................... 97 TXEN Bit .................................................................... 97 V VDD Pin ................................................................................ 9 Voltage Reference Specifications .................................... 177 VSS Pin ................................................................................ 9 W Wake-up from Sleep ................................................ 129, 146 Interrupts ................................................................. 135 MCLR Reset ............................................................ 135 WDT Reset .............................................................. 135 Wake-up Using Interrupts ................................................ 146 Watchdog Timer (WDT) ........................................... 129, 141 Associated Registers ............................................... 142 WDT Reset, Normal Operation ........................ 132, 135 WDT Reset, Sleep ........................................... 132, 135 WCOL ................................................................................ 89 WDTCON Register ............................................................ 16 Write Collision Detect Bit, WCOL ...................................... 89 WWW Address ................................................................ 223 WWW, On-Line Support ...................................................... 4 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |