| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F72 bảng dữ liệu(PDF) 119 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F72 bảng dữ liệu(HTML) 119 Page - Microchip Technology |
|
119 / 136 page ![]() © 2007 Microchip Technology Inc. DS39597C-page 117 PIC16F72 16.0 PACKAGE MARKING INFORMATION Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 28-Lead SOIC YYWWNNN Example XXXXXXXXXXXXXXXXX YYWWNNN 28-Lead PDIP (Skinny DIP) Example XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX 0717017 PIC16F72-I/SP 0710017 PIC16F72-I/SO 28-Lead SSOP YYWWNNN XXXXXXXXXXXX XXXXXXXXXXXX Example 0720017 PIC16F72 28-Lead QFN Example XXXXXXXX XXXXXXXX YYWWNNN PIC16F72 -I/ML 0710017 -I/SS 3 e 3 e 3 e 3 e |