| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC10F320T-IMCSQTP bảng dữ liệu(PDF) 157 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F320T-IMCSQTP bảng dữ liệu(HTML) 157 Page - Microchip Technology |
|
157 / 210 page ![]() 2011 Microchip Technology Inc. Preliminary DS41585A-page 157 PIC10(L)F320/322 For additional interface recommendations, refer to your specific device programmer manual prior to PCB design. It is recommended that isolation devices be used to separate the programming pins from other circuitry. The type of isolation is highly dependent on the specific application and may include devices such as resistors, diodes, or even jumpers. See Figure 22-4 for more information. FIGURE 22-4: TYPICAL CONNECTION FOR ICSP™ PROGRAMMING VDD VPP VSS External Device to be Data Clock VDD MCLR/VPP VSS ICSPDAT ICSPCLK * * * To Normal Connections * Isolation devices (as required). Programming Signals Programmed VDD |