công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC10F320T-IMCSQTP bảng dữ liệu(PDF) 122 Page - Microchip Technology

tên linh kiện PIC10F320T-IMCSQTP
Giải thích chi tiết về linh kiện  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F320T-IMCSQTP bảng dữ liệu(HTML) 122 Page - Microchip Technology

Back Button PIC10F320T-IMCSQTP Datasheet HTML 118Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 119Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 120Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 121Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 122Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 123Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 124Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 125Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 122
Preliminary
 2011 Microchip Technology Inc.
REGISTER 19-4:
CLCxSEL1: MULTIPLEXER DATA 3 AND 4 SELECT REGISTER
U-0
R/W-x/u
R/W-x/u
R/W-x/u
U-0
R/W-x/u
R/W-x/u
R/W-x/u
—
LCxD4S<2:0>
—
LCxD3S<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
Unimplemented:
Read as ‘0’
bit 6-4
LCxD4S<2:0>:
Input Data 4 Selection Control bits(1)
111
= CLCxIN[7] is selected for lcxd4.
110
= CLCxIN[6] is selected for lcxd4.
101
= CLCxIN[5] is selected for lcxd4
100
= CLCxIN[4] is selected for lcxd4.
011
= CLCxIN[3] is selected for lcxd4.
010
= CLCxIN[2] is selected for lcxd4.
001
= CLCxIN[1] is selected for lcxd4.
000
= CLCxIN[0] is selected for lcxd4.
bit 3
Unimplemented:
Read as ‘0’
bit 2-0
LCxD3S<2:0>:
Input Data 3 Selection Control bits(1)
111
= CLCxIN[7] is selected for lcxd3.
110
= CLCxIN[6] is selected for lcxd3.
101
= CLCxIN[5] is selected for lcxd3.
100
= CLCxIN[4] is selected for lcxd3.
011
= CLCxIN[3] is selected for lcxd3.
010
= CLCxIN[2] is selected for lcxd3.
001
= CLCxIN[1] is selected for lcxd3.
000
= CLCxIN[0] is selected for lcxd3.
Note 1:
See Table 19-1 for signal names associated with inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More