| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16 bảng dữ liệu(PDF) 288 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16 bảng dữ liệu(HTML) 288 Page - Microchip Technology |
|
288 / 418 page ![]() FIGURE 25-1: NUMERICALLY CONTROLLED OSCILLATOR (NCOx) MODULE SIMPLIFIED BLOCK DIAGRAM NCO1CLK FOSC LCx_out DQ TRIS bit 00 01 10 11 NxCKS<1:0> 2 NxOE HFINTOSC NCOxACCU NCOxACCH NCOxACCL NCOxINCH NCOxINCL INCBUFH INCBUFL 20 20 20 16 16 NCO_overflow DQ Q _ SQ Q _ R 0 1 NxPFM NxPOL DQ Q1 NxOUT NCOx NCO_interrupt set bit NCOxIF EN Ripple Counter 3 NxPWS<2:0> R Fixed Duty Cycle Mode Circuitry Pulse Frequency Mode Circuitry (1) NCOx_clk Note 1: The increment registers are double-buffered to allow for value changes to be made without first disabling the NCO module. The full increment value is loaded into the buffer registers on the second rising edge of the NCOx_clk signal that occurs immediately after a write to NCOxINCL register. The buffers are not user-accessible and are shown here for reference. Adder NCOx_out To Peripherals Rev. 10-000028A 7/30/2013 |