| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16 bảng dữ liệu(PDF) 260 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16 bảng dữ liệu(HTML) 260 Page - Microchip Technology |
|
260 / 418 page ![]() PIC16(L)F1508/9 DS40001609C-page 260 2011-2013 Microchip Technology Inc. FIGURE 22-10: SYNCHRONOUS TRANSMISSION FIGURE 22-11: SYNCHRONOUS TRANSMISSION (THROUGH TXEN) TABLE 22-7: SUMMARY OF REGISTERS ASSOCIATED WITH SYNCHRONOUS MASTER TRANSMISSION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page BAUDCON ABDOVF RCIDL — SCKP BRG16 — WUE ABDEN 249 INTCON GIE PEIE TMR0IE INTE IOCIE TMR0IF INTF IOCIF 76 PIE1 TMR1GIE ADIE RCIE TXIE SSP1IE — TMR2IE TMR1IE 77 PIR1 TMR1GIF ADIF RCIF TXIF SSP1IF — TMR2IF TMR1IF 80 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 248 SPBRGL BRG<7:0> 250* SPBRGH BRG<15:8> 250* TRISB TRISB7 TRISB6 TRISB5 TRISB4 TRISB3 TRISB2 TRISB1 TRISB0 116 TXREG EUSART Transmit Data Register 239* TXSTA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 247 Legend: — = unimplemented location, read as ‘0’. Shaded cells are not used for synchronous master transmission. * Page provides register information. bit 0 bit 1 bit 7 Word 1 bit 2 bit 0 bit 1 bit 7 RX/DT Write to TXREG Reg TXIF bit (Interrupt Flag) TXEN bit ‘1’ ‘1’ Word 2 TRMT bit Write Word 1 Write Word 2 Note: Sync Master mode, SPBRGL = 0, continuous transmission of two 8-bit words. pin TX/CK pin TX/CK pin (SCKP = 0) (SCKP = 1) RX/DT pin TX/CK pin Write to TXREG reg TXIF bit TRMT bit bit 0 bit 1 bit 2 bit 6 bit 7 TXEN bit |