công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC30F2010 bảng dữ liệu(PDF) 152 Page - Microchip Technology

tên linh kiện DSPIC30F2010
Giải thích chi tiết về linh kiện  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 bảng dữ liệu(HTML) 152 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 148Page - Microchip Technology DSPIC30F2010 Datasheet HTML 149Page - Microchip Technology DSPIC30F2010 Datasheet HTML 150Page - Microchip Technology DSPIC30F2010 Datasheet HTML 151Page - Microchip Technology DSPIC30F2010 Datasheet HTML 152Page - Microchip Technology DSPIC30F2010 Datasheet HTML 153Page - Microchip Technology DSPIC30F2010 Datasheet HTML 154Page - Microchip Technology DSPIC30F2010 Datasheet HTML 155Page - Microchip Technology DSPIC30F2010 Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 236 page
background image
dsPIC30F6010A/6015
DS70150C-page 150
© 2007 Microchip Technology Inc.
21.2
Oscillator Configurations
21.2.1
INITIAL CLOCK SOURCE
SELECTION
While coming out of Power-on Reset or Brown-out
Reset, the device selects its clock source based on:
a)
FOS<2:0> Configuration bits that select one of
four oscillator groups,
b)
and FPR<4:0> Configuration bits that select one
of 16 oscillator choices within the primary group.
The selection is as shown in Table 21-2.
TABLE 21-2:
.
CONFIGURATION BIT VALUES FOR CLOCK SELECTION
Oscillator Mode
Oscillator
Source
FOS<2:0>
FPR<4:0>
OSC2 Function
ECIO w/PLL 4x
PLL
11
101101
I/O
ECIO w/PLL 8x
PLL
11
101110
I/O
ECIO w/PLL 16x
PLL
11
101111
I/O
FRC w/PLL 4x
PLL
11
100001
I/O
FRC w/PLL 8x
PLL
11
101010
I/O
FRC w/PLL 16x
PLL
11
100011
I/O
XT w/PLL 4x
PLL
11
100101
OSC2
XT w/PLL 8x
PLL
11
100110
OSC2
XT w/PLL 16x
PLL
11
100111
OSC2
HS/2 w/PLL 4x
PLL
11
110001
OSC2
HS/2 w/PLL 8x
PLL
11
110010
OSC2
HS/2 w/PLL 16x
PLL
11
110011
OSC2
HS/3 w/PLL 4x
PLL
11
110101
OSC2
HS/3 w/PLL 8x
PLL
11
110110
OSC2
HS/3 w/PLL 16x
PLL
11
110111
OSC2
ECIO
External
01
101100
I/O
XT
External
01
100100
OSC2
HS
External
01
100010
OSC2
EC
External
01
101011
CLKO
ERC
External
01
101001
CLKO
ERCIO
External
01
101000
I/O
XTL
External
01
100000
OSC2
LP
Secondary
00
0xxxxx
(Note 1, 2)
FRC
Internal FRC
00
1xxxxx
(Note 1, 2)
LPRC
Internal LPRC
01
0xxxxx
(Note 1, 2)
Note 1:
OSC2 pin function is determined by FPR<4:0>.
2:
OSC1 pin cannot be used as an I/O pin even if the secondary oscillator or an internal clock source is
selected at all times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More