| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F4680ESOSQTP bảng dữ liệu(PDF) 477 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4680ESOSQTP bảng dữ liệu(HTML) 477 Page - Microchip Technology |
|
477 / 482 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39625C-page 475 PIC18F2585/2680/4585/4680 Timer0 and Timer1 External Clock .......................... 437 Transition for Entry to Idle Mode ................................ 38 Transition for Entry to SEC_RUN Mode .................... 35 Transition for Entry to Sleep Mode ............................ 37 Transition for Two-speed Start-up (INTOSC to HSPLL) ........................................ 354 Transition for Wake from Idle to Run Mode ............... 38 Transition for Wake from Sleep (HSPLL) ................... 37 Transition from RC_RUN Mode to PRI_RUN Mode ................................................. 36 Transition from SEC_RUN Mode to PRI_RUN Mode (HSPLL) .................................. 35 Transition to RC_RUN Mode ..................................... 36 Timing Diagrams and Specifications ................................ 433 A/D Conversion Requirements ................................ 450 AC Characteristics Internal RC Accuracy ....................................... 434 Capture/Compare/PWM Requirements ................... 438 CLKO and I/O Requirements ................................... 435 EUSART Synchronous Receive Requirements .................................................. 448 EUSART Synchronous Transmission Requirements .................................................. 448 Example SPI Mode Requirements Master Mode, CKE = 0 .................................... 440 Master Mode, CKE = 1 .................................... 441 Slave Mode, CKE = 0 ...................................... 442 Slave Mode, CKE = 1 ...................................... 443 External Clock Requirements .................................. 433 High/Low-Voltage Detect Characteristics ................ 430 I2C Bus Data Requirements (Slave Mode) .............. 445 Master SSP I2C Bus Data Requirements ................ 447 Master SSP I2C Bus Start/Stop Bits Requirements .................................................. 446 Parallel Slave Port Requirements (PIC18F4585/4680) ......................................... 439 PLL Clock ................................................................. 434 Reset, Watchdog Timer, Oscillator Start-up Timer, Power-up Timer and Brown-out Reset Requirements ........................................ 436 Timer0 and Timer1 External Clock Requirements .................................................. 437 Top-of-Stack Access .......................................................... 62 TRISE Register PSPMODE Bit ......................................................... 138 TSTFSZ ........................................................................... 401 Two-Speed Start-up ................................................. 343, 354 Two-Word Instructions Example Cases ......................................................... 66 TXSTA Register BRGH Bit ................................................................. 231 V Voltage Reference Specifications .................................... 429 W Watchdog Timer (WDT) ........................................... 343, 352 Associated Registers ............................................... 353 Control Register ....................................................... 352 During Oscillator Failure .......................................... 355 Programming Considerations .................................. 352 WCOL ...................................................... 215, 216, 217, 220 WCOL Status Flag ................................... 215, 216, 217, 220 WWW Address ................................................................ 476 WWW, On-Line Support ...................................................... 5 X XORLW ........................................................................... 401 XORWF ........................................................................... 402 |