| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F4680ESOSQTP bảng dữ liệu(PDF) 468 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4680ESOSQTP bảng dữ liệu(HTML) 468 Page - Microchip Technology |
|
468 / 482 page ![]() PIC18F2585/2680/4585/4680 DS39625C-page 466 Preliminary © 2007 Microchip Technology Inc. C C Compilers MPLAB C18 ............................................................. 412 MPLAB C30 ............................................................. 412 CALL ................................................................................ 376 CALLW ............................................................................. 405 Capture (CCP1 Module) ................................................... 165 Associated Registers ............................................... 168 CCP1 Pin Configuration ........................................... 165 Software Interrupt .................................................... 165 Timer1/Timer3 Mode Selection ................................ 165 Capture (ECCP1 Module) ................................................ 174 ECCPR1H:ECCPR1L Registers .............................. 165 Capture/Compare/PWM (CCP1) ...................................... 163 Capture Mode. See Capture. CCP1 Mode and Timer Resources .......................... 164 CCPR1H or ECCPR1H Register ............................. 164 CCPR1L or ECCPR1L Register ............................... 164 Compare Mode. See Compare. Interaction Between CCP1 and ECCP1 for Timer Resources ........................................ 164 Module Configuration ............................................... 164 PWM Mode. See PWM. Clock Sources .................................................................... 28 Selecting the 31 kHz Source ...................................... 29 Selection Using OSCCON Register ........................... 29 CLRF ................................................................................ 377 CLRWDT .......................................................................... 377 Code Examples 16 x 16 Signed Multiply Routine .............................. 112 16 x 16 Unsigned Multiply Routine .......................... 112 8 x 8 Signed Multiply Routine .................................. 111 8 x 8 Unsigned Multiply Routine .............................. 111 Changing Between Capture Prescalers ................... 165 Changing to Configuration Mode ............................. 278 Computed GOTO Using an Offset Value ................... 64 Data EEPROM Read ............................................... 107 Data EEPROM Refresh Routine .............................. 108 Data EEPROM Write ............................................... 107 Erasing a Flash Program Memory Row ................... 100 Fast Register Stack .................................................... 64 How to Clear RAM (Bank 1) Using Indirect Addressing ............................................ 88 Implementing a Real-Time Clock Using a Timer1 Interrupt Service ............................... 155 Initializing PORTA .................................................... 129 Initializing PORTB .................................................... 132 Initializing PORTC .................................................... 135 Initializing PORTD .................................................... 138 Initializing PORTE .................................................... 141 Loading the SSPBUF (SSPSR) Register ................. 190 Reading a CAN Message ........................................ 293 Reading a Flash Program Memory Word .................. 99 Saving Status, WREG and BSR Registers in RAM ..................................... 128 Transmitting a CAN Message Using Banked Method ................................................ 286 Transmitting a CAN Message Using WIN Bits ................................................. 286 WIN and ICODE Bits Usage in Interrupt Service Routine to Access TX/RX Buffers .................... 278 Writing to Flash Program Memory ................... 102–103 Code Protection ............................................................... 343 COMF ............................................................................... 378 Comparator ...................................................................... 257 Analog Input Connection Considerations ................ 261 Associated Registers ............................................... 261 Configuration ........................................................... 258 Effects of a Reset .................................................... 260 Interrupts ................................................................. 260 Operation ................................................................. 259 Operation During Sleep ........................................... 260 Outputs .................................................................... 259 Reference ................................................................ 259 External Signal ................................................ 259 Internal Signal .................................................. 259 Response Time ........................................................ 259 Comparator Specifications ............................................... 429 Comparator Voltage Reference ....................................... 263 Accuracy and Error .................................................. 264 Associated Registers ............................................... 265 Configuring .............................................................. 263 Connection Considerations ...................................... 264 Effects of a Reset .................................................... 264 Operation During Sleep ........................................... 264 Compare (CCP Module) Special Event Trigger .............................................. 161 Compare (CCP1 Module) ................................................ 167 Associated Registers ............................................... 168 CCP1 Pin Configuration ........................................... 167 CCPR1 Register ...................................................... 167 Software Interrupt .................................................... 167 Special Event Trigger .............................................. 167 Timer1/Timer3 Mode Selection ................................ 167 Compare (ECCP Module) ................................................ 174 Compare (ECCP1 Module) Special Event Trigger ...................................... 174, 256 Configuration Bits ............................................................ 343 Configuration Mode ......................................................... 324 Configuration Register Protection .................................... 360 Context Saving During Interrupts ..................................... 128 Conversion Considerations .............................................. 462 CPFSEQ .......................................................................... 378 CPFSGT .......................................................................... 379 CPFSLT ........................................................................... 379 Crystal Oscillator/Ceramic Resonator ................................ 23 Customer Change Notification Service ............................ 476 Customer Notification Service ......................................... 476 Customer Support ............................................................ 476 D Data Addressing Modes .................................................... 88 Comparing Addressing Modes with the Extended Instruction Set Enabled ..................... 92 Direct ......................................................................... 88 Indexed Literal Offset ................................................ 91 Indirect ....................................................................... 88 Inherent and Literal .................................................... 88 Data EEPROM Code Protection ....................................................... 360 Data EEPROM Memory ................................................... 105 Associated Registers ............................................... 109 EEADR and EEADRH Registers ............................. 105 EECON1 and EECON2 Registers ........................... 105 Operation During Code-Protect ............................... 108 Protection Against Spurious Write ........................... 108 Reading ................................................................... 107 Using ....................................................................... 108 Write Verify .............................................................. 107 Writing ..................................................................... 107 |