| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F4680ESOSQTP bảng dữ liệu(PDF) 323 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4680ESOSQTP bảng dữ liệu(HTML) 323 Page - Microchip Technology |
|
323 / 482 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39625C-page 321 PIC18F2585/2680/4585/4680 E7Fh CANCON_RO4(2) E5Fh CANCON_RO6(2) E3Fh CANCON_RO8(2) E1Fh —(4) E7Eh CANSTAT_RO4(2) E5Eh CANSTAT_RO6(2) E3Eh CANSTAT_RO8(2) E1Eh —(4) E7Dh B5D7 E5Dh B3D7 E3Dh B1D7 E1Dh —(4) E7Ch B5D6 E5Ch B3D6 E3Ch B1D6 E1Ch —(4) E7Bh B5D5 E5Bh B3D5 E3Bh B1D5 E1Bh —(4) E7Ah B5D4 E5Ah B3D4 E3Ah B1D4 E1Ah —(4) E79h B5D3 E59h B3D3 E39h B1D3 E19h —(4) E78h B5D2 E58h B3D2 E38h B1D2 E18h —(4) E77h B5D1 E57h B3D1 E37h B1D1 E17h —(4) E76h B5D0 E56h B3D0 E36h B1D0 E16h —(4) E75h B5DLC E55h B3DLC E35h B1DLC E15h —(4) E74h B5EIDL E54h B3EIDL E34h B1EIDL E14h —(4) E73h B5EIDH E53h B3EIDH E33h B1EIDH E13h —(4) E72h B5SIDL E52h B3SIDL E32h B1SIDL E12h —(4) E71h B5SIDH E51h B3SIDH E31h B1SIDH E11h —(4) E70h B5CON E50h B3CON E30h B1CON E10h —(4) E6Fh CANCON_RO5 E4Fh CANCON_RO7 E2Fh CANCON_RO9 E0Fh —(4) E6Eh CANSTAT_RO5 E4Eh CANSTAT_RO7 E2Eh CANSTAT_RO9 E0Eh —(4) E6Dh B4D7 E4Dh B2D7 E2Dh B0D7 E0Dh —(4) E6Ch B4D6 E4Ch B2D6 E2Ch B0D6 E0Ch —(4) E6Bh B4D5 E4Bh B2D5 E2Bh B0D5 E0Bh —(4) E6Ah B4D4 E4Ah B2D4 E2Ah B0D4 E0Ah —(4) E69h B4D3 E49h B2D3 E29h B0D3 E09h —(4) E68h B4D2 E48h B2D2 E28h B0D2 E08h —(4) E67h B4D1 E47h B2D1 E27h B0D1 E07h —(4) E66h B4D0 E46h B2D0 E26h B0D0 E06h —(4) E65h B4DLC E45h B2DLC E25h B0DLC E05h —(4) E64h B4EIDL E44h B2EIDL E24h B0EIDL E04h —(4) E63h B4EIDH E43h B2EIDH E23h B0EIDH E03h —(4) E62h B4SIDL E42h B2SIDL E22h B0SIDL E02h —(4) E61h B4SIDH E41h B2SIDH E21h B0SIDH E01h —(4) E60h B4CON E40h B2CON E20h B0CON E00h —(4) TABLE 23-1: CAN CONTROLLER REGISTER MAP (CONTINUED) Address(1) Name Address Name Address Name Address Name Note 1: Shaded registers are available in Access Bank low area, while the rest are available in Bank 15. 2: CANSTAT register is repeated in these locations to simplify application firmware. Unique names are given for each instance of the controller register due to the Microchip header file requirement. 3: These registers are not CAN registers. 4: Unimplemented registers are read as ‘0’. |