| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
18F8680 bảng dữ liệu(PDF) 174 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
18F8680 bảng dữ liệu(HTML) 174 Page - Microchip Technology |
|
174 / 496 page ![]() PIC18F6585/8585/6680/8680 DS30491C-page 172 2004 Microchip Technology Inc. TABLE 15-3: REGISTERS ASSOCIATED WITH CAPTURE, COMPARE, TIMER1 AND TIMER3 Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets INTCON GIE/ GIEH PEIE/ GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 0000 000x 0000 000u PIR1 PSPIF ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 0000 0000 0000 0000 PIE1 PSPIE ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 0000 0000 0000 0000 IPR1 PSPIP ADIP RCIP TXIP SSPIP CCP1IP TMR2IP TMR1IP 1111 1111 1111 1111 TRISD PORTD Data Direction Register 1111 1111 1111 1111 TMR1L Holding Register for the Least Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu TMR1H Holding Register for the Most Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu T1CON RD16 — T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON 0-00 0000 u-uu uuuu CCPR1L Capture/Compare/PWM Register 1 (LSB) xxxx xxxx uuuu uuuu CCPR1H Capture/Compare/PWM Register 1 (MSB) xxxx xxxx uuuu uuuu CCP1CON P1M1 P1M0 DC1B1 DC1B0 CCP1M3 CCP1M2 CCP1M1 CCP1M0 0000 0000 0000 0000 PIR2 — CMIF — EEIF BCLIF LVDIF TMR3IF CCP2IF -0-0 0000 -0-0 0000 PIE2 — CMIE — EEIE BCLIE LVDIE TMR3IE CCP2IE -0-0 0000 -0-0 0000 IPR2 — CMIP — EEIP BCLIP LVDIP TMR3IP CCP2IP -1-1 1111 -1-1 1111 TMR3L Holding Register for the Least Significant Byte of the 16-bit TMR3 Register xxxx xxxx uuuu uuuu TMR3H Holding Register for the Most Significant Byte of the 16-bit TMR3 Register xxxx xxxx uuuu uuuu T3CON RD16 T3CCP2 T3CKPS1 T3CKPS0 T3CCP1 T3SYNC TMR3CS TMR3ON 0000 0000 uuuu uuuu Legend: x = unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used by capture and Timer1. |