công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

18F8680 bảng dữ liệu(PDF) 269 Page - Microchip Technology

tên linh kiện 18F8680
Giải thích chi tiết về linh kiện  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 bảng dữ liệu(HTML) 269 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 265Page - Microchip Technology 18F8680 Datasheet HTML 266Page - Microchip Technology 18F8680 Datasheet HTML 267Page - Microchip Technology 18F8680 Datasheet HTML 268Page - Microchip Technology 18F8680 Datasheet HTML 269Page - Microchip Technology 18F8680 Datasheet HTML 270Page - Microchip Technology 18F8680 Datasheet HTML 271Page - Microchip Technology 18F8680 Datasheet HTML 272Page - Microchip Technology 18F8680 Datasheet HTML 273Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 267
PIC18F6585/8585/6680/8680
FIGURE 21-2:
VOLTAGE REFERENCE OUTPUT BUFFER EXAMPLE
TABLE 21-1:
REGISTERS ASSOCIATED WITH COMPARATOR VOLTAGE REFERENCE
CVREF Output
+
–
CVREF
Module
Voltage
Reference
Output
Impedance
R(1)
RF5
Note 1:
R is dependent upon the voltage reference configuration bits CVRCON<3:0> and CVRCON<5>.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
all other
Resets
CVRCON
CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
0000 0000 0000 0000
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0000 0000 0000
TRISF
TRISF7
TRISF6 TRISF5 TRISF4 TRISF3
TRISF2
TRISF1
TRISF0 1111 1111 1111 1111
Legend: x = unknown, u = unchanged, - = unimplemented, read as ‘0’.
Shaded cells are not used with the comparator voltage reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More