| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8548ECHXATHA bảng dữ liệu(PDF) 118 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8548ECHXATHA bảng dữ liệu(HTML) 118 Page - Freescale Semiconductor, Inc |
|
118 / 151 page ![]() MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9 118 Freescale Semiconductor Package Description SD_TX[0:3] M23, N21, P23, R21 O XVDD — Reserved W26, Y28, AA26, AB28 — — 40 Reserved W25, Y27, AA25, AB27 — — 40 Reserved U20, V22, W20, Y22 — — 15 Reserved U21, V23, W21, Y23 — — 15 SD_PLL_TPD U28 O XVDD 24 SD_REF_CLK T28 I XVDD — SD_REF_CLK T27 I XVDD — Reserved AC1, AC3 — — 2 Reserved M26, V28 — — 32 Reserved M25, V27 — — 34 Reserved M20, M21, T22, T23 — — 38 General-Purpose Output GPOUT[24:31] K26, K25, H27, G28, H25, J26, K24, K23 O BVDD — System Control HRESET AG17 I OVDD — HRESET_REQ AG16 O OVDD 29 SRESET AG20 I OVDD — CKSTP_IN AA9 I OVDD — CKSTP_OUT AA8 O OVDD 2, 4 Debug TRIG_IN AB2 I OVDD — TRIG_OUT/READY/QUIESCE AB1 O OVDD 6, 9, 19, 29 MSRCID[0:1] AE4, AG2 O OVDD 5, 6, 9 MSRCID[2:4] AF3, AF1, AF2 O OVDD 6, 19, 29 MDVAL AE5 O OVDD 6 CLK_OUT AE21 O OVDD 11 Clock RTC AF16 I OVDD — SYSCLK AH17 I OVDD — JTAG TCK AG28 I OVDD — TDI AH28 I OVDD 12 Table 73. MPC8545E Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |