| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GRM552B11H102KA01D bảng dữ liệu(PDF) 149 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
GRM552B11H102KA01D bảng dữ liệu(HTML) 149 Page - Murata Manufacturing Co., Ltd. |
|
149 / 221 page ![]() Notice GNM0M2 GNM1M2 GNM212 GNM214 GNM314 LLA18 LLA21 LLA31 0.9 1.37 2.0 2.0 3.2 1.6 2.0 3.2 0.6 1.0 1.25 1.25 1.6 0.8 1.25 1.6 0.12 to 0.20* 0.4 to 0.5 0.6 to 0.7 0.6 to 0.7 0.8 to 1.0 0.3 to 0.4 0.5 to 0.7 0.7 to 0.9 0.35 to 0.40* 0.35 to 0.45 0.5 to 0.7 0.5 to 0.7 0.7 to 0.9 0.25 to 0.35 0.35 to 0.6 0.4 to 0.7 0.3 0.3 to 0.35 0.4 to 0.5 0.25 to 0.35 0.3 to 0.4 0.15 to 0.25 0.2 to 0.3 0.3 to 0.4 0.45 0.64 1.0 0.5 0.8 0.4 0.5 0.8 Part Number L W abcp Dimensions (mm) Table 3 GNM, LLA Series for Reflow Soldering Land Dimensions a Land Chip Capacitor Chip Capacitor b cp Continued from the preceding page. 2. Adhesive Application 1. Thin or insufficient adhesive can cause the chips to loosen or become disconnected during flow soldering. The amount of adhesive must be more than dimension c, shown in the drawing at right, to obtain the correct bonding strength. The chip's electrode thickness and land thickness must also be taken into consideration. 2. Low viscosity adhesive can cause chips to slip after mounting. The adhesive must have a viscosity of 5000Pa • s (500ps) min. (at 25 °C). 3. Adhesive Coverage Land Adhesive Board Chip Capacitor a b c c=50 to 105 µm b=30 to 35 µm a=20 to 70 µm Continued on the following page. GRM18, GQM18 GRM21, LLL21, GQM21 GRM31, LLL31 0.05mg min. 0.1mg min. 0.15mg min. Part Number Adhesive Coverage* *Nominal Value a Chip Capacitor b c p Land GNMpp2 GNMpp4 LLA LLM21 LLM31 0.3 0.4 Part Number c, c' (0.3 to 0.5) (0.3 to 0.5) b, b' 1.3 to 1.8 1.6 to 2.0 e 2.0 to 2.6 3.2 to 3.6 d 0.6 to 0.8 1.0 a 1.4 to 1.6 2.6 f 0.5 0.8 p Dimensions (mm) Table 4 LLM Series for Reflow Soldering Land Dimensions LLM b=(c-e)/2, b'=(d-f)/2 b b' f d p c c' a e * 0.82 Va+2bV1.00 Notice 147 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C02E.pdf 10.12.20 |