| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM3725CBC bảng dữ liệu(PDF) 116 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM3725CBC bảng dữ liệu(HTML) 116 Page - Texas Instruments |
|
116 / 280 page ![]() DM3730, DM3725 SPRS685D – AUGUST 2010 – REVISED JULY 2011 www.ti.com Table 2-28. CBP Package Feed-Through Balls (continued) NC No Connect B1 B1 NC NC No Connect B23 B28 pop_b23_b28 f-rst#, rp# Flash reset AB11 AG13 pop_ab11_ag13 d-tq DDR temperature alert AC14 AH16 pop_ac14_ah16 vss Shared Ground AA2 AA2 pop_aa2_aa2 vss Shared Ground U2 AF2 pop_u2_af2 vss Shared Ground AA22 AF27 pop_aa22_af27 vss Shared Ground AB8 AG10 pop_ab8_ag10 vss Shared Ground AB13 AG15 pop_ab13_ag15 vss Shared Ground B12 B15 pop_b12_b15 vss Shared Ground H22 J27 pop_h22_j27 vss Shared Ground K2 M2 pop_k2_m2 vss Shared Ground K22 M26 pop_k22_m26 vss Shared Ground L2 N2 pop_l2_n2 (1) For more details on the feedthrough pin connections, please refer to the PoP memory datasheet. 116 TERMINAL DESCRIPTION Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): DM3730 DM3725 |