công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33FJ06GS101TI/ML bảng dữ liệu(PDF) 200 Page - Microchip Technology

tên linh kiện DSPIC33FJ06GS101TI/ML
Giải thích chi tiết về linh kiện  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101TI/ML bảng dữ liệu(HTML) 200 Page - Microchip Technology

Back Button DSPIC33FJ06GS101TI/ML Datasheet HTML 196Page - Microchip Technology DSPIC33FJ06GS101TI/ML Datasheet HTML 197Page - Microchip Technology DSPIC33FJ06GS101TI/ML Datasheet HTML 198Page - Microchip Technology DSPIC33FJ06GS101TI/ML Datasheet HTML 199Page - Microchip Technology DSPIC33FJ06GS101TI/ML Datasheet HTML 200Page - Microchip Technology DSPIC33FJ06GS101TI/ML Datasheet HTML 201Page - Microchip Technology DSPIC33FJ06GS101TI/ML Datasheet HTML 202Page - Microchip Technology DSPIC33FJ06GS101TI/ML Datasheet HTML 203Page - Microchip Technology DSPIC33FJ06GS101TI/ML Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 198
Preliminary
© 2009 Microchip Technology Inc.
FIGURE 15-1:
SIMPLIFIED CONCEPTUAL BLOCK DIAGRAM OF HIGH-SPEED PWM
MUX
Latch
Comparator
Timer
PDC2
Phase
MUX
Latch
Comparator
Timer
PDC3
Phase
MUX
Latch
Comparator
Timer
PDC4
Phase
MUX
Latch
Comparator
Timer
PDC1
PWMCONx
LEBCONx
Channel 1
Dead-Time Generator
PTCON
SEVTCMP
Comparator
Special Event
IOCONx
PWM Enable and Mode Control
Channel 3
Dead-Time Generator
Channel 4
Dead-Time Generator
ALTDTRx, DTRx
Dead-Time Control
Special Event
Postscaler
FLTX(1)
PWM3L
PWM3H
PWM2L
PWM2H
PWM1L
PWM1H
FCLCONx
Pin and Mode Control
MDC
ADC Trigger Control
Master Duty Cycle Register
Fault Mode and Pin Control
Pin Override Control
Special Event
PTPER
Timer Period
PWM GEN 1
PWM GEN 2
PWM GEN 4
PTMR
Master Time Base
Phase
PWM GEN 3
Channel 2
Dead-Time Generator
PWM4L(1)
PWM4H(1)
Trigger
Comparison Value
Fault Control
Logic
TRGCONx
Control for Blanking External Input Signals
SYNCO(1)
SYNCIX(1)
Note 1:
These pins are remappable.
External Time Base
Synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More