| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC33FJ06GS101TE/SP bảng dữ liệu(PDF) 337 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS101TE/SP bảng dữ liệu(HTML) 337 Page - Microchip Technology |
|
337 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 335 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Section 24.0 “Electrical Characteristics” Updated Typical values for Thermal Packaging Characteristics (see Table 24-3). Updated Min and Max values for parameter DC12 (RAM Data Retention Voltage) and added Note 4 (see Table 24-4). Updated Characteristics for I/O Pin Input Specifications (see Table 24-9). Added ISOURCE to I/O Pin Output Specifications (see Table 24-10). Updated Program Memory values for parameters 136, 137, and 138 (renamed to 136a, 137a, and 138a), added parameters 136b, 137b, and 138b, and added Note 2 (see Table 24-12). Added parameter OS42 (GM) to the External Clock Timing Requirements (see Table 24-16). Updated Conditions for symbol TPDLY (Tap Delay) and added symbol ACLK (PWM Input Clock) to the High-Speed PWM Module Timing Requirements (see Table 24-29). Updated parameters AD01 and AD02 in the 10-bit High-Speed A/D Module Specifications (see Table 24-36). Updated parameters AD50b, AD55b, and AD56b, and removed parameters AD57b and AD60b from the 10-bit High-Speed A/D Module Timing Requirements (see Table 24-37). TABLE A-2: MAJOR SECTION UPDATES (CONTINUED) Section Name Update Description |