| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC33FJ06GS101TE/SP bảng dữ liệu(PDF) 319 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS101TE/SP bảng dữ liệu(HTML) 319 Page - Microchip Technology |
|
319 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 317 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 25.0 PACKAGING INFORMATION Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : If the full Microchip part number cannot be marked on one line, it is carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 28-Lead SPDIP XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX YYWWNNN Example dsPIC33FJ06GS 0830235 28-Lead SOIC XXXXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXXXX YYWWNNN Example dsPIC33FJ06GS 0830235 202-E/SP 202-E/SO 3 e 3 e 18-Lead SOIC (.300”) XXXXXXXXXXXX XXXXXXXXXXXX XXXXXXXXXXXX YYWWNNN Example dsPIC33FJ06 0830235 GS101-I/SO 3 e |