| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC33FJ06GS201TI/SP bảng dữ liệu(PDF) 331 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS201TI/SP bảng dữ liệu(HTML) 331 Page - Microchip Technology |
|
331 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 329 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 APPENDIX A: REVISION HISTORY Revision A (January 2008) This is the initial revision of this document. Revision B (June 2008) This revision includes minor typographical and formatting changes throughout the data sheet text. In addition, redundant information was removed that is now available in the respective chapters of the dsPIC33F Family Reference Manual , which can be obtained from the Microchip website (www.microchip.com). The major changes are referenced by their respective section in the following table. TABLE A-1: MAJOR SECTION UPDATES Section Name Update Description “High-Performance, 16-Bit Digital Signal Controllers” Moved location of Note 1 (RP# pin) references (see “Pin Diagrams”). Section 3.0 “Memory Organization” Updated CPU Core Register map SFR reset value for CORCON (see Table 3-1). Removed Interrupt Controller Register Map SFR IPC29 and updated reset values for IPC0, IPC1, IPC14, IPC16, IPC23, IPC24, IPC27, and IPC28 (see Table 3-5). Removed Interrupt Controller Register Map SFR IPC24 and IPC29 and updated reset values for IPC0, IPC1, IPC2, IPC14, IPC16, IPC23, IPC27, and IPC28 (see Table 3-6). Removed Interrupt Controller Register Map SFR IPC24 and updated reset values for IPC1, IPC2, IPC4, IPC14, IPC16, IPC23, IPC24, IPC27, and IPC28 (see Table 3-7). Updated Interrupt Controller Register Map SFR reset values for IPC1, IPC14, IPC16, IPC23, IPC24, IPC27, and IPC28 (see Table 3-8). Updated Interrupt Controller Register Map SFR reset values for IPC1, IPC14, IPC16, IPC23, IPC24, IPC25, IPC26, IPC27, IPC28, and IPC29 (see Table 3-9). Updated Interrupt Controller Register Map SFR reset values for IPC1, IPC4, IPC14, IPC16, IPC23, IPC24, IPC25, IPC26, IPC27, IPC28, and IPC29 (see Table 3-10). Added SFR definitions for RPOR16 and RPOR17 (see Table 3-34, Table 3-35, and Table 3-36). Updated bit definitions for PORTA, PORTB, and PORTC SFRs (ODCA, ODCB, and ODCC) (see Table 3-37, Table 3-38, Table 3-39, and Table 3-40). Updated bit definitions and reset value for System Control Register map SFR CLKDIV (see Table 3-41). Added device-specific information to title of PMD Register Map (see Table 3-47). Added device-specific PMD Register Maps (see Table 3-46, Table 3-45, and Table 3-43). |