| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC33FJ12GP201TE/ML bảng dữ liệu(PDF) 116 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ12GP201TE/ML bảng dữ liệu(HTML) 116 Page - Microchip Technology |
|
116 / 242 page ![]() dsPIC33FJ12GP201/202 DS70264B-page 114 Preliminary © 2007 Microchip Technology Inc. REGISTER 9-9: RPINR21: PERIPHERAL PIN SELECT INPUT REGISTER 21 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 — — — SS1R<4:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-5 Unimplemented: Read as ‘0’ bit 4-0 SS1R<4:0>: Assign SPI1 Slave Select Input (SS1IN) to the Corresponding RPn pin bits 11111 = Input tied to VSS 01111 = Input tied to RP15 • • • 00001 = Input tied to RP1 00000 = Input tied to RP0 |