| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
48GA004 bảng dữ liệu(PDF) 173 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
48GA004 bảng dữ liệu(HTML) 173 Page - Microchip Technology |
|
173 / 268 page ![]() 2010 Microchip Technology Inc. DS39881D-page 173 PIC24FJ64GA004 FAMILY REGISTER 18-6: PADCFG1: PAD CONFIGURATION CONTROL REGISTER U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 R/W-0 R/W-0 — — — — — — RTSECSEL(1) PMPTTL bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-2 Unimplemented: Read as ‘0’ bit 1 RTSECSEL: RTCC Seconds Clock Output Select bit(1) 1 = RTCC seconds clock is selected for the RTCC pin 0 = RTCC alarm pulse is selected for the RTCC pin bit 0 PMPTTL: PMP Module TTL Input Buffer Select bit 1 = PMP module uses TTL input buffers 0 = PMP module uses Schmitt Trigger input buffers Note 1: To enable the actual RTCC output, the RTCOE (RCFGCAL) bit needs to be set. |