| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
48GA004 bảng dữ liệu(PDF) 148 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
48GA004 bảng dữ liệu(HTML) 148 Page - Microchip Technology |
|
148 / 268 page ![]() PIC24FJ64GA004 FAMILY DS39881D-page 148 2010 Microchip Technology Inc. FIGURE 15-3: SPI MASTER/SLAVE CONNECTION (STANDARD MODE) FIGURE 15-4: SPI MASTER/SLAVE CONNECTION (ENHANCED BUFFER MODES) Serial Receive Buffer (SPIxRXB)(2) Shift Register (SPIxSR) LSb MSb SDIx SDOx PROCESSOR 2 (SPI Slave) SCKx SSx(1) Serial Transmit Buffer (SPIxTXB)(2) Serial Receive Buffer (SPIxRXB)(2) Shift Register (SPIxSR) MSb LSb SDOx SDIx PROCESSOR 1 (SPI Master) Serial Clock SSEN (SPIxCON1<7>) = 1 and MSTEN (SPIxCON1<5>) = 0 Note 1: Using the SSx pin in Slave mode of operation is optional. 2: User must write transmit data to read received data from SPIxBUF. The SPIxTXB and SPIxRXB registers are memory mapped to SPIxBUF. SCKx Serial Transmit Buffer (SPIxTXB)(2) MSTEN (SPIxCON1<5>) = 1) SPIx Buffer (SPIxBUF)(2) SPIx Buffer (SPIxBUF)(2) Shift Register (SPIxSR) LSb MSb SDIx SDOx PROCESSOR 2 (SPI Enhanced Buffer Slave) SCKx SSx(1) Shift Register (SPIxSR) MSb LSb SDOx SDIx PROCESSOR 1 (SPI Enhanced Buffer Master) Serial Clock SSEN (SPIxCON1<7>) = 1, Note 1: Using the SSx pin in Slave mode of operation is optional. 2: User must write transmit data to read received data from SPIxBUF. The SPIxTXB and SPIxRXB registers are memory mapped to SPIxBUF. SSx SCKx 8-Level FIFO Buffer MSTEN (SPIxCON1<5>) = 1 and SPIx Buffer (SPIxBUF)(2) 8-Level FIFO Buffer SPIx Buffer (SPIxBUF)(2) SPIBEN (SPIxCON2<0>) = 1 MSTEN (SPIxCON1<5>) = 0 and SPIBEN (SPIxCON2<0>) = 1 |