công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

48GA002 bảng dữ liệu(PDF) 203 Page - Microchip Technology

tên linh kiện 48GA002
Giải thích chi tiết về linh kiện  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48GA002 bảng dữ liệu(HTML) 203 Page - Microchip Technology

Back Button 48GA002 Datasheet HTML 199Page - Microchip Technology 48GA002 Datasheet HTML 200Page - Microchip Technology 48GA002 Datasheet HTML 201Page - Microchip Technology 48GA002 Datasheet HTML 202Page - Microchip Technology 48GA002 Datasheet HTML 203Page - Microchip Technology 48GA002 Datasheet HTML 204Page - Microchip Technology 48GA002 Datasheet HTML 205Page - Microchip Technology 48GA002 Datasheet HTML 206Page - Microchip Technology 48GA002 Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 268 page
background image
 2010 Microchip Technology Inc.
DS39881D-page 203
PIC24FJ64GA004 FAMILY
bit 5
C2INV:
Comparator 2 Output Inversion bit
1
= C2 output inverted
0
= C2 output not inverted
bit 4
C1INV:
Comparator 1 Output Inversion bit
1
= C1 output inverted
0
= C1 output not inverted
bit 3
C2NEG:
Comparator 2 Negative Input Configure bit
1
= Input is connected to VIN+
0
= Input is connected to VIN-
See Figure 22-1 for the Comparator modes.
bit 2
C2POS:
Comparator 2 Positive Input Configure bit
1
= Input is connected to VIN+
0
= Input is connected to CVREF
See Figure 22-1 for the Comparator modes.
bit 1
C1NEG:
Comparator 1 Negative Input Configure bit
1
= Input is connected to VIN+
0
= Input is connected to VIN-
See Figure 22-1 for the Comparator modes.
bit 0
C1POS:
Comparator 1 Positive Input Configure bit
1
= Input is connected to VIN+
0
= Input is connected to CVREF
See Figure 22-1 for the Comparator modes.
Note 1:
If C2OUTEN = 1, the C2OUT peripheral output must be configured to an available RPn pin. See
Section 10.4 “Peripheral Pin Select”
for more information.
2:
If C1OUTEN = 1, the C1OUT peripheral output must be configured to an available RPn pin. See
Section 10.4 “Peripheral Pin Select”
for more information.
REGISTER 22-1:
CMCON: COMPARATOR CONTROL REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com