| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
32GA002 bảng dữ liệu(PDF) 192 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
32GA002 bảng dữ liệu(HTML) 192 Page - Microchip Technology |
|
192 / 268 page ![]() PIC24FJ64GA004 FAMILY DS39881D-page 192 2010 Microchip Technology Inc. FIGURE 21-1: 10-BIT HIGH-SPEED A/D CONVERTER BLOCK DIAGRAM Comparator 10-Bit SAR Conversion Logic VREF+ DAC AN12 AN8(1) AN9 AN10 AN11 AN4 AN5 AN6(1) AN7(1) AN0 AN1 AN2 AN3 VREF- Sample Control S/H AVSS AVDD ADC1BUF0: ADC1BUFF AD1CON1 AD1CON2 AD1CON3 AD1CHS AD1PCFG AD1CSSL Control Logic Data Formatting Input MUX Control Conversion Control Pin Config. Control Internal Data Bus 16 VR+ VR- VINH VINL VINH VINH VINL VINL VR+ VR- Note 1: Analog channels AN6 through AN8 are available on 44-pin devices only. 2: Band gap voltage reference (VBG) is internally connected to analog channel AN15, which does not appear on any pin. VBG(2) |