| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF03ST bảng dữ liệu(PDF) 128 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADF03ST bảng dữ liệu(HTML) 128 Page - Tyco Electronics |
|
128 / 326 page ![]() TSP Series D4 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 D .020 (0.51) TYP. .014 (0.36) TYP. .400 (10.16) .156 (3.96) .100 (2.54) TYP. .180 (4.57) DIA. .200 (5.08) .241 (6.12) .396 (10.06) .205 (5.21) .035 (0.89) TYP. .100 (2.54) TYP. .065 (1.65) Ref. TYP. .205 (5.21) MIN. Pushbutton Switches, Tiny, Process Sealed, Mounting Options SRA SURFACE MOUNT RIGHT ANGLE “L” BEND SPC SURFACE MOUNT WITH SUPPORT BRACKET SRAB SURFACE MOUNT RIGHT ANGLE BUTT .189 (4.80) DIA. .200 (5.08) .180 (4.57) DIA. .100 (2.54) DIA. .156 (3.96) .040 (1.00) .320 (8.13) .120 (3.05) .076 (1.94) .030 (0.76) .362 (9.19) CENTER TERMINAL ONLY .045 (1.14) .205 (5.21) .018 (0.46) .200 (5.08) TYP. .020 (0.51) TYP. .110 (2.80) TYP. .300 (7.62) .094 (2.39) .240 (6.08) .082 (2.07) .155 (3.94) TYP. .155 (3.94) .189 (4.80) DIA. .200 (5.08) .180 (4.57) DIA. .100 (2.54) DIA. .156 (3.96) .320 (8.13) .120 (3.05) .076 (1.94) .370 (9.39) .045 (1.14) .205 (5.21) .018 (0.46) .100 (2.54) .100 (2.54) .020 (0.51) .300 (7.62) .094 (2.39) .090 (2.29) .240 (6.10) .100 (2.54) .035 (0.89) .065 (1.65) REF. PCV PC WITH VERTICAL SUPPORT BRACKET .205 (5.21) .030 (0.76) 1.30 (3.30) .374 (9.50) .241 (6.12) .180 (4.57) DIA. .200 (5.08) .156 (3.96) .125 (3.18) .020 (0.51) TYP. .400 (10.16) .014 (0.36) TYP. .100 (2.54) DIA. .043 (1.09) DIA. TYP. .100 (2.54) TYP. .400 (10.16) |