| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF02ST bảng dữ liệu(PDF) 190 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADF02ST bảng dữ liệu(HTML) 190 Page - Tyco Electronics |
|
190 / 326 page ![]() F15 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 F Gemini Series Rocker/Paddle Switches Paddle Switches, A Series, Wire Lug or Right Angle SPDT A101J2ZQO DPDT Standard Paddle Color - (Black) Standard Paddle Color - (Black) A201J2ZQO Silver Contacts Silver Contacts Tyco Electronics Alcoswitch Type Act. Code P. M5 Tyco Electronics Alcoswitch Type Act. Code P. M5 1-1437591-9 A101J2ZQ0 SPDT 1 On None On 7-1437591-6 A201J2ZQ0 DPDT 2 On None On 4-1437591-0 A103J2ZQ0 SPDT 5 On Off On — A203J2ZQ0 DPDT 6 On Off On 5-1437591-3 A105J2ZQ0 SPDT 5 (On) Off (On) 9-1437591-9 A205J2ZQ0 DPDT 6 (On) Off (On) Silver Contacts Silver Contacts Tyco Electronics Alcoswitch TypeAct. Code P. M5 Tyco Electronics Alcoswitch Type Act. Code P. M5 — A101J2AQ0 SPDT 1 On None On — A201J2AQ0 DPDT 2 On None On — A103J2AQ0 SPDT 5 On Off On — A203J2AQ0 DPDT 6 On Off On 5-1437591-1 A105J2AQ0 SPDT 5 (On) Off (On) — A205J2AQ0 DPDT 6 (On) Off (On) SPDT / DPDT A201J2AQ0 1.15 (29.3) .370 (9.39) .937 (23.80) .083 (2.11) .740 (18.7) .030 (0.80) TYP. .500 (12.70) .265 (6.70) .080 (2.00) TYP. .185 (4.70) TYP. .155 (3.94) TYP. .370 (9.40) .138 (3.50) .024 (0.60) .094 Dia. (2.40) 2 PLCS. .276 (7.01) 25 ° EPOXY SEAL .500 (12.70) .453 (11.50) .040 (1.01) .189 (4.80) .080 (2.00) TYP. SPDT DPDT .048 (1.22) TYP. .200 (5.08) 32 1 .185 (4.70) TYP. .185 (4.70) TYP. .050 (1.27) .125 (3.18) .031 (0.80) TYP. .500 (12.7) .093 (2.36) .346 (8.80) .500 (12.70) .265 (6.73) .062 (1.57) .200 (5.08) .073 (1.85) DIA. TYP. 1.27 (32.2) REF. 1.69 (4.29) PIVOT .016 (0.40) .228 (5.80) .500 (12.70) EPOXY SEAL 65 4 32 1 .185 (4.70) TYP. .185 (4.70) TYP. .050 (1.27) TYP. .031 (0.80) TYP. .500 (12.7) .040 (1.00) .500 (12.70) .460 (11.7) .200 (5.08) .150 (3.80) .073 (1.85) DIA. .048 (1.22) TYP. .200 (5.08) 1.26 (3.20) 1.27 (32.2) REF. .016 (0.40) .150 (3.81) .500 (12.70) EPOXY SEAL 1.69 (4.29) PIVOT * Refer to Pages F7 for Product Specifications and Part Matrix |