| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF02SA bảng dữ liệu(PDF) 194 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADF02SA bảng dữ liệu(HTML) 194 Page - Tyco Electronics |
|
194 / 326 page ![]() F19 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 F Gemini Series Rocker/Paddle Switches Rocker/Paddle Switches, AE Series, Process Sealed, Termination Options Z Quick Connect Wire Wrap Printed Circuit W C Wire Lug NOTE: Terminal numbers viewed from top of P.C. board. NOTE: Terminal numbers viewed from top of P.C. board. TERMINALS Right Angle Single Pole A Right Angle Double Pole Vertical Right Angle Vertical Right Angle Single Pole Vertical Right Angle Double Pole .270 (6.86) .100 (2.54) .030 (.762) .050 (1.27) .050 (1.27) TYP. .014 (.356) .235 (5.97) .108 (2.74) .500 (12.70) .014 (.356) TYP. .450 (11.43) .500 (12.70) .050 (1.27) .150 (3.81) .500 (12.7) .200 (5.08) .190 (4.83) .073 (1.85) TYP. .073 (1.85) DIA. TYP. .150 (3.81) TYP. .500 (12.7) .200 (5.08) .190 (4.83) EPOXY SEAL .078 (1.98) .078 (1.98) .047 (1.19) EPOXY SEALED .155 (3.94) .080 (2.03) .080 x .030 THK. (2.03) (.762) EPOXY SEALED .250 (6.35) .062 (1.57) .030 (.762) THK. .062 x .030 THK. (.157) (.762) EPOXY SEALED .750 (19.05) .050 (1.27) .050 x .030 THK. (.127) (.762) EPOXY SEALED .050 (1.27) .190 (4.83) .189 (4.80) .250 (6.35) .185 (4.70) TYP. .073 (1.85) 1 2 3 .073 (1.85) DIA. TYP. 6 5 4 .185 (4.70) 3 2 1 .050 x .030 THK. (1.27) (.762) .048 (1.22) TYP. .200 (5.08) .500 (12.70) .450 (11.43) .048 (1.22) TYP. .200 (5.08) EPOXY SEAL .062 (1.58) .169 (4.29) .016 (4.06) .050 (1.27) TYP. .030 (.762) TYP. .185 (4.70) TYP. .125 (3.18) .030 (.762) TYP. .185 (4.70) TYP. .125 (3.18) EPOXY SEAL .169 (4.29) .016 (0.41) .050 (1.27) TYP. .073 (1.85) DIA. TYP. .073 (1.85) DIA. 65 4 32 1 .185 (4.70) TYP. .150 (3.81) .500 (12.7) .200 (5.08) 32 1 .185 (4.70) TYP. .500 (12.7) .200 (5.08) SINGLE POLE DOUBLE POLE .270 (6.86) .125 (3.18) .150 (3.81) TYP. .530 (13.46) .172 (4.37) .030 (.762) TYP. .050 (.127) TYP. .500 (12.70) .200 (5.08) .048 (.122) TYP. .150 (3.81) TYP. .530 (13.46) .200 (5.08) EPOXY SEAL 12 3 POS. 1 POS. 2 POS. 3 .450 (11.43) .125 (3.18) .150 (3.81) TYP. .530 (13.46) .172 (4.37) .030 (.762) TYP. .500 (12.7) .050 (1.27) TYP. .190 (.4.83) .150 (3.81) TYP. .190 (4.83) .530 (13.46) .200 (5.08) .073 (1.85) TYP. .073 (1.85) TYP. EPOXY SEAL 45 6 POS. 1 POS. 2 POS. 3 .050 (.127) TYP. .200 (5.08) SINGLE POLE DOUBLE POLE |