| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE09 bảng dữ liệu(PDF) 132 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE09 bảng dữ liệu(HTML) 132 Page - Tyco Electronics |
|
132 / 326 page ![]() TP/TPA and TPB/TPC Series D8 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 D Model Type Act. Code P. M6 Action Bushing Dia. Contact Type TPB11CGRA(*) SPST C N.O. Momentary .188 Gold TPB11FGRA(*) SPDT F Momentary .188 Gold TPC11CGRA(*) SPST C N.O. Momentary 10-48 Gold TPC11FGRA(*) SPDT F Momentary 10-48 Gold (*) Specify button color by adding suffix number: (0) Black, (2) Red. Note: No center terminal on “C” action switch. .200 (5.08) .043 (1.09) TYP. DIA. .100 (2.54) TYP. .172 (4.37) TO FLAT .236 (5.99) DIA. .186 (4.72) DIA. .100 (2.54) DIA. .137 (3.48) .216 (5.47) 10-48 UNS-2A 3 2 1 .320 (8.13) .206 (5.23) .020 (0.51) TYP. .226 (5.74) .030 (0.76) .137 (3.48) .100 (2.54) DIA. .340 (8.64) .216 (5.49) .135 (3.43) .030 (0.76) TYP. .130 (3.30) TYP. .172 (4.37) TO FLAT TPB11CGRA TPB SERIES TPC SERIES SEE PAGE D6 FOR PRODUCT SPECIFICATIONS DPST/DPDT TPC11CGRA * Refer to Page D6 for Additional Options * Pushbutton Switches, Tiny, Right Angle, Single or Dual Actuators Pushbutton Switches, Tiny, Straight or Right Angle, Unthreaded or 10-48 Bushing SPST/SPDT Model Type Act. Code P. M6 Action Bushing Dia. Contact Type TPB11CGPC(*) SPST C N.O. Momentary .188 Gold TPB11FGPC(*) SPDT F Momentary .188 Gold TPC11CGPC(*) SPST C N.O. Momentary 10-48 Gold TPC11FGPC(*) SPDT F Momentary 10-48 Gold (*) Specify button color by adding suffix number: (0) Black, (2) Red. Note: No center terminal on “C” action switch. TPB11CGPC TPC11FGPC 3 2 1 .030 (0.76) .210 (5.33) .320 (8.13) .020 (0.51) TYP. .172 (4.37) TO FLAT .220 (5.59) .137 (3.48) .236 (5.99) DIA. .172 (4.37) TO FLAT . .186 (4.72) DIA. . .100 (2.54) .130 (3.30) .340 (8.64) .220 (5.59) 10-48 UNS-2A TPB SERIES TPC SERIES ® .043 (1.09) DIA. TYP. . .100 (2.54) Model Actuator Type Dim.L Type Act. Code P. M6 Action Contact Type TP21CCGRA(*) SQ. .125 2xSPST C N.O. Momentary Gold TP21FFGRA(*) SQ. .125 2xSPDT F Momentary Gold TPA21MGRA(*) RND. .150 DPST M N.O. Momentary Gold TPA21CCGRA(*) RND. .150 2xSPST C N.O. Momentary Gold TPA21FFGRA(*) RND. .150 2xSPDT F Momentary Gold (*) Specify button color by adding suffix number: (0) Black, (2) Red. Note: No center terminal on "C" or "M" action switch. SPST/SPDT (DUAL) DPST .140 (3.56) ABOVE FRAME .100 (2.54) DIA. .140 (3.56) ABOVE FRAME .100 (2.54) DIA. .160 (4.06) .150 (3.81) TYP. .080 (2.03) TYP. .043 (1.09) DIA. TYP. .200 (5.08) .100 (2.54) .200 (5.08) .080 (2.03) TYP. .383 (9.73) .130 (3.30) .320 (8.13) L .030 (0.76) TYP. .115 (2.92) .130 (3.30) .320 (8.13) .360 (9.14) .020 (0.51) TYP. 2 13 5 46 TP/TPA Series TP21CCGRA0 TPA SERIES TP SERIES |