| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE08SA bảng dữ liệu(PDF) 139 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE08SA bảng dữ liệu(HTML) 139 Page - Tyco Electronics |
|
139 / 326 page ![]() TP-ES Series D15 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 D Pushbutton Switches, Tiny, Process Sealed, Flush Actuator, Straight or Right Angle ® SPST/SPDT TPBF11CGRAESO SPST/SPDT Model Type Act. Code P. M6 Action TPBF11CGPCES(*) SPST C N.O. Momentary TPBF11FGPCES(*) SPDT F Momentary TPCF11FGPCES(*) SPDT F Momentary (*) Specify button color by adding suffix numbers: (0) Black, (2) Red. Note: No center terminal on “C” action switch. TPBF11CGPCES .100 (2.54) .186 (4.72) DIA. .172 (4.37) TO FLAT .020 (0.51) TYP. .120 (3.00) .172 (4.37) TO FLAT .340 (8.60) .400 (10.0) .030 (0.76) .120 (3.00) .020 (0.51) TYP. .380 (9.70) .190 (4.80) 10-48 UNS-2A .380 (9.70) .190 (4.80) .043 TYP. (1.09) DIA. 3 2 1 Model Type Act. Code P. M6 Action TPBF11CGRAES(*) SPST C N.O. Momentary TPBF11FGRAES(*) SPDT F Momentary (*) Specify button color by adding suffix numbers: (0) Black, (2) Red. Note: No center terminal on "C" Action switches. .100 (2.54) .186 (4.72) DIA. .120 (3.10) .030 (0.76) .190 (4.80) .015 (0.38) .030 (0.76) .090 (2.30) .400 (10.0) .020 (0.51) TYP. .450 (11.4) .180 (4.40) .340 (8.60) .172 (4.37) TO FLAT .100 (2.54) .400 (10.16) .043 (1.09) DIA. TYP. .200 (5.08) TPBF Series TPCF Series TPBF Series SEE PAGE D6 FOR PRODUCT SPECIFICATIONS |