| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE08SA bảng dữ liệu(PDF) 121 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE08SA bảng dữ liệu(HTML) 121 Page - Tyco Electronics |
|
121 / 326 page ![]() D31 D Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 BP Series Pushbutton Switches, Splashproof Boot Seals A wide selection of stock boot seals for pushbuttons are available in a variety of styles and thread sizes. ALCOSWITCH seals replace standard mounting hardware to provide environmental seal. Fabricated of Neoprene in black and optional red or gray. Custom colors and thread sizes are also available on special order. 15/32-32 PUSHBUTTON BOOT SEALS Splashproof seals having 15/32-32 hex shape mounts integrally bonded onto the black Neoprene seal. Supplied with a captive O-Ring for use against the panel. Readily accepts actuators up to .38” in length. Available in two tone with nickel finish hex- mount, or all black. Part Number Tyco Alcoswitch Mount Color Boot Color Thread Size Use with Switch Types Electronics 2-1437626-5 BP5890 Nickel Black 15/32-32 MSPF and MPG Series 2-1437626-6 BP5900 Black Black 15/32-32 MSPF and MPG Series BP5900 BP5890 15/32-32 PUSHBUTTON BOOT SEALS Splashproof seals incorporating a molded-in hex nut for water tight and dust tight protection. Replaces standard hardware usually supplied. Recommended for large size pushbutton switches with actuators extending up to .31" long. Part Number Tyco Alcoswitch Mount Color Boot Color Thread Size Use with Switch Types Electronics 2-1437626-0 BP15320 Black Black 15/32-32 MSPF and MPG Series 2-1437626-1 BP15322 Red Red 15/32-32 MSPF and MPG Series 2-1437626-2 BP15328 Gray Gray 15/32-32 MSPF and MPG Series 1/4-40 PUSHBUTTON BOOT SEALS Splashproof seals having 1/4-40 blind nuts integrally mounted to the black Neoprene seal. Supplied with a captive O-Ring to complete the panel seal. Used with actuators up to .37" long. Choice of two-tone with nickel finish knurled ring or all black. Part Number Tyco Alcoswitch Mount Color Boot Color Thread Size Use with Switch Types Electronics 2-1437626-3 BP1900 Nickel Black 1/4-40 MSPM, MSP3, MPA3 and TP Series 2-1437626-4 BP2010 Black Black 1/4-40 MSPM, MSP3, MPA3 and TP Series BP1900 BP20100 BP15320 1/4-40 PUSHBUTTON BOOT SEALS Splashproof seals for miniature pushbuttons having a 1/4-40 bushing. The two models allow use with buttons that extend up to .17” (BPA) or up to .33"(BP). The hex nut is molded-in and no O-Ring is required. Part Number Tyco Alcoswitch Mount Color Boot Color Thread Size Use with Switch Types Electronics 1-1437626-7 BP14400 Black Black 1/4-40 MSPM, MPA3, MPS and TP Series 1-1437626-8 BP14402 Red Red 1/4-40 MSPM, MPA3, MPS and TP Series 1-1437626-9 BP14408 Gray Gray 1/4-40 MSPM, MPA3, MPS and TP Series 2-1437626-7 BPA14400 Black Black 1/4-40 MSPMBS, MSPMCS, MSP3,MPA3, TP Series 2-1437626-8 BPA14402 Red Red 1/4-40 MSPMBS, MSPMCS, MSP3, MPA3, TP Series 2-1437626-9 BPA14408 Gray Gray 1/4-40 MSPMBS, MSPMCS, MSP3, MPA3, TP Series BPA14400 BP14400 BP BPA 10-48 PUSHBUTTON BOOT SEALS Splashproof seal designed for "TINY" pushbutton switches having a 10-48 bushing and .14" long button actuators. The hex nut is molded-in to the Neoprene seal. No O-Ring is required. Custom colors are available on special order. Part Number Tyco Alcoswitch Mount Color Boot Color Thread Size Use with Switch Types Electronics 1-1437626-4 BP10480 Black Black 10-48 TP Series 1-1437626-5 BP10482 Red Red 10-48 TP Series 1-1437626-6 BP10488 Gray Gray 10-48 TP Series BP10480 .276 (7.01) .312 (7.92) 10-48 UNS-28 .079 (2.00) .460 (11.6) .425 (10.7) .425 (10.7) .300 (7.62) .090 (2.28) .090 (2.28) 1/4-40 UNS-2B 1/4-40 UNS-2B .472 (11.9) .090 (2.28) .670 (17.0) 15/32 32 UNS-2B 1/4-40 UNS-2B .472 (11.9) .460 (11.6) .472 (11.9) .670 (17.0) .090 (2.28) 15/32 32UNS-2B |