| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE06 bảng dữ liệu(PDF) 289 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE06 bảng dữ liệu(HTML) 289 Page - Tyco Electronics |
|
289 / 326 page ![]() Index/Matrixes M4 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 M Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Soldering Process Recommendation Guide SURFACE MOUNT SWITCH SERIES SOLDERING TYPE PROCESS CLEANING PROCESSES Convection Vapor Solvent Vapor Solvent Aqueous Wave Hand Dip* I.R. Phase Wash Degrease Immerse Clean MSP-3/MSPS SERIES X X MSP-5 SERIES X X X X MSPF SERIES X X X X MSPM SERIES X X X X MSS SERIES X X X X X X X MSSA SERIES X X X X X X X MSSA-01 & 04 X X X X X PUSHWHEELS, CARD EDGE X PUSHWHEELS, PC PINS X X X SDS SERIES XX X XX XX SE SERIES XX X XX XX SL SERIES X X X X X SLS/SLSA SERIES XX X XX SSA/SSJ SERIES X X X SSB SERIES X X X X X STS SERIES X X X XX XX SWK SERIES X TP SERIES: ALL PC X TP SERIES: TP-ES X X X XX XX TP SERIES:TPC, TPD, TPF, TP-N X X X X TRD X X X X TRD W/L.E.D. X X TSS-PC, TSS-RA X X X TSP, TST X X X X X X X X TT ALL PC X XX TT-ES, TTE-ES X X X X X X X TT, TTE, TTN-WIRE LUG X X X |