| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE05S bảng dữ liệu(PDF) 260 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE05S bảng dữ liệu(HTML) 260 Page - Tyco Electronics |
|
260 / 326 page ![]() K11 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 K K Series Knobs, Machined Aluminum KT SERIES Serrated Diamond Trim Cut with Dot Indicator Tyco Electronics Alcoswitch Color A B C D E F G 2-1437623-9 KUS402B1/8 Black .374(9.50) .197(5.00) .276(7.01) .520(13.2) .098(2.49) .450(11.4) .354(8.99) 3-1437623-0 KUS500B1/8 Black .500(12.7) .276(7.01 .374(9.50) .700(17.8) .118(3.00) .600(15.2) .512(13.0) KUS500B1/4 Black .500(12.7) .276(7.01) .374(9.50) .700(17.8) .118(3.00) .600(15.2) .512(13.0) 3-1437623-1 KUS700B1/4 Black .740(18.8) .276(7.01) .591(15.0) 1.03(26.2) .118(3.00) .600(15.2) .512(13.0) 120 ° 120 ° INDICATOR DOT C D A G F B E NO. 6-32 SET SCREW 2 PLACES Serrated Diamond Trim Cut with Dot Indicator Tyco Electronics Alcoswitch Color A B C D E F G 2-1437623-1 KU401B1/8 Black .374(9.50) .283(7.19) .276(7.01) .098(2.49) .177(4.50) .236(5.99) .299(7.60) 2-1437623-2 KU402B1/8 Black .374(9.50) .283(7.19) .276(7.01) .098(2.49) .197(5.00) .354(8.99) .449(11.40) 2-1437623-3 KU500B1/8 Black .500(12.7) .409(10.4) .374(9.50) .118(3.00) .276(7.01) .512(13.0) .598(15.2) KU500B1/4 Black .500(12.7) .409(10.4) .374(9.50) .118(3.00) .276(7.01) .512(13.0) .598(15.2) 2-1437623-4 KU700B1/4 Black .740(18.8) .650(16.5) .591(15.0) .118(3.00) .276(7.01) .512(13.0) .598(15.2) Square Serration with Indicator Line Tyco Electronics Alcoswitch Color A B C D E F G 1-1437623-2 KT500A1/4 Natural .500(12.7) .430(10.9) .375(953) .430(10.9) .280(7.11) .510(13.0) .630(16.0) 1-1437623-4 KT500B1/8 Black .500(12.7) .430(10.9) .375(9.53) .430(10.9) .280(7.11) .510(13.0) .630(16.0) 1-1437623-3 KT500B1/4 Black .500(12.7) .430(10.9) .375(9.53) .430(10.9) .280(7.11) .510(13.0) .630(16.0) 1-1437623-6 KT700A1/4 Natural .740(18.8) .650(16.5) .590(15.0) .650(16.5) .280(7.11) .510(13.0) .630(16.0) 1-1437623-7 KT700B1/4 Black 740(18.8) .650(16.5) .590(15.0) .650(16.5) .280(7.11) .510(13.0) .630(16.0) 1-1437623-8 KT900A1/4 Natural .940(23.9) .816(20.7) .710(18.0) .816(20.7) .280(7.11) .510(13.0) .630(16.0) 1-1437623-9 KT900B1/4 Black .940(23.9) .816(20.7) .710(18.0) .816(20.7) .280(7.11) .510(13.0) .630(16.0) 1/8" SHAFT=.126" (3.20) 1/4" SHAFT=.251" (6.37) 120 ° 120 ° NO. 6-32 SET SCREW 2 PLACES INDICATOR LINE A B C .160 (4.06) F E D G 120 ° 120 ° A B WHITE INDICATOR DOT 120 ° 120 ° A WHITE INDICATOR DOT C G F E D 1/8" SHAFT=.126" (3.20) 1/4" SHAFT=.251" (6.37) NO. 6-32 SET SCREW 2 PLACES Note: KU401B1/8 and KU402B1/8 use one set screw only. Located 180 ° from indicator dot. Note: KUS402B1/8 has #4.40 setscrew KT500A1/4 KT700A1/4 KU SERIES KUS SERIES KUS402B1/8 KU402B1/8 KUS700B1/4 |