| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE04SA bảng dữ liệu(PDF) 107 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE04SA bảng dữ liệu(HTML) 107 Page - Tyco Electronics |
|
107 / 326 page ![]() C31 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Gemini Series Toggle Switches, A Series, Vertical, Right Angle, Long Bat Actuator SEE PAGE C22 FOR PRODUCT SPECIFICATIONS SPDT A101SD9AV2Q Vertical Actuation DPDT A201SD9AV2Q Vertical Actuation Tyco Alcoswitch Tyco Alcoswitch Type Act. Code P. M5 Electronics Electronics Gold Contacts Silver Contacts A201KZB 2-1437555-5 A201KZQ DPDT 2 On None On A203KZB 5-1437555-3 A203KZQ DPDT 6 On Off On 6-1437555-5 A205KZB A205KZQ DPDT 6 (On) Off (On) 8-1437555-8 A211KZB A211KZQ SP3T 11 On On On Tyco Alcoswitch Type Act. Code P. M5 Electronics Silver Contacts 1437554-9 A101KZQ SPDT 1 On None On 5-1437554-8 A103KZQ SPDT 5 On Off On SPDT A101KZQ DPDT A201KZQ Tyco Alcoswitch Type Act. Code P.M5 Electronics Silver Contacts 3-1437555-9 A201SD9AV2Q DPDT 2 On None On 5-1437555-8 A203SD9AV2Q DPDT 6 On Off On 8-1437555-2 A208SD9AV2Q DPDT 2 On None (On) Tyco Alcoswitch Type Act. Code P.M5 Electronics Silver Contacts 3-1437554-6 A101SD9AV2Q SPDT 1 On None On 6-1437554-6 A103SD9AV2Q SPDT 5 On Off On 3 .500 (12.7) .150 (3.81) TYP. .200 (5.08) .073 (1.85) Dia. 2 1 .125 (3.18) .280 (7.11) .048 (1.22) .150 (3.81) .200 (5.08) .500 (12.7) 25 ° .030 (0.76) Typ. .048 (1.22) Typ. Keyway .270 (6.86) .500 (12.70) .480 (12.19) .190 (4.80) .287 (7.30) .050 (1.27) TYP. .150 (3.81) .200 (5.08) .500 (12.7) .030 (0.76) Typ. .048 (1.22) Typ. Keyway .040 (1.00) .480 (12.19) .500 (12.7) .453 (11.50) 3 .500 (12.7) .200 (5.08) .073 (1.85) Dia. 2 1 .150 (3.81) .190 (4.83) 6 5 4 .016 (0.40) Epoxy Seal 1.13 (28.7) .125 (3.18) 25˚ .118 (3.00) DIA. EPOXY SEAL .315 (8.00) .315 (8.00) .358 (9.09) 25˚ .080 (2.03) .580 (14.73) Locked .185 (4.70) .118 (3.00) Dia. .050 (1.27) .030 (0.76) .650 (16.51) Unlocked .270 (6.86) .500 (12.70) 25˚ .315 (8.00) .358 (9.09) .580 (14.73) Locked .185 (4.70) .158 (4.00) Ref. .030 (0.76) Typ. .050 (1.27) .650 (16.51) Unlocked .453 (11.50) .500 (12.7) .189 (4.80) .040 (1.00) .080 (2.00) Typ. Epoxy Seal Epoxy Seal 1/4-40 NS 1/4-40 NS Keyway Keyway * Refer to Pages C22-C26 for Additional Options * Toggle Switches, A Series, Wire Lug, Locking Toggle |